Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 2 Page - NXP Semiconductors

  P83C524IFA Datasheet HTML 1Page - NXP Semiconductors P83C524IFA Datasheet HTML 2Page - NXP Semiconductors P83C524IFA Datasheet HTML 3Page - NXP Semiconductors P83C524IFA Datasheet HTML 4Page - NXP Semiconductors P83C524IFA Datasheet HTML 5Page - NXP Semiconductors P83C524IFA Datasheet HTML 6Page - NXP Semiconductors P83C524IFA Datasheet HTML 7Page - NXP Semiconductors P83C524IFA Datasheet HTML 8Page - NXP Semiconductors P83C524IFA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
1997 Dec 15
2
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528;
P83C528
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
FUNCTIONAL DIAGRAM
7
PINNING INFORMATION
7.1
Pinning
7.2
Pin description
8
FUNCTIONAL DESCRIPTION
8.1
General
8.2
Instruction Set Execution
9
MEMORY ORGANIZATION
9.1
Program Memory
9.2
Internal Data Memory
9.3
Addressing
10
I/O FACILITIES
11
TIMERS/COUNTERS
11.1
Timer 0 and Timer 1
11.1.1
Timer/Counter Mode Control register (TMOD)
11.1.2
Timer/Counter Control Register (TCON)
11.2
Timer 2
11.2.1
Timer 2 Control Register (T2CON)
11.2.2
Capture Mode
11.2.3
Automatic Reload Mode
11.2.4
Baud Rate Generator Mode
11.3
Watchdog Timer T3
12
SERIAL PORT (UART)
12.1
Serial Port Control Register (SCON)
12.2
SM0 and SM1 operating modes (SCON)
13
BIT-LEVEL I2C INTERFACE
13.1
I2C Interrupt Register (S1INT)
13.2
Single-bit Data Register with I2C Auto-clock
(S1BIT)
13.2.1
Reading or Writing the S1BIT SFR
13.3
Control and Status Register for the I2C-bus
(S1SCS)
14
INTERRUPT SYSTEM
14.1
Interrupt Enable Register (IE)
14.2
Interrupt Priority Register (IP)
14.3
Interrupt Vectors
15
IDLE AND POWER-DOWN OPERATION
15.1
Power Control Register (PCON)
15.2
Idle Mode
15.3
Power-down Mode
15.4
Wake-up from Power-down Mode
16
OSCILLATOR CIRCUIT
17
RESET CIRCUIT
17.1
Power-on reset
18
INSTRUCTION SET
19
LIMITING VALUES
20
DC CHARACTERISTICS
21
AC CHARACTERISTICS
21.1
AC Characteristics 16 MHz version
21.2
AC Characteristics 24 MHz version
22
I2C CHARACTERISTICS (BIT-LEVEL)
23
XTAL1 CHARACTERISTICS
24
SERIAL PORT CHARACTERISTICS
25
TIMING DIAGRAMS
25.1
Timing symbol definitions
26
PACKAGE OUTLINES
27
SOLDERING
27.1
Introduction
27.2
DIP
27.2.1
Soldering by dipping or by wave
27.2.2
Repairing soldered joints
27.3
PLCC and QFP
27.3.1
Reflow soldering
27.3.2
Wave soldering
27.3.3
Repairing soldered joints
28
DEFINITIONS
29
LIFE SUPPORT APPLICATIONS
30
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com