Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 28Page - NXP Semiconductors P83C524IFA Datasheet HTML 29Page - NXP Semiconductors P83C524IFA Datasheet HTML 30Page - NXP Semiconductors P83C524IFA Datasheet HTML 31Page - NXP Semiconductors P83C524IFA Datasheet HTML 32Page - NXP Semiconductors P83C524IFA Datasheet HTML 33Page - NXP Semiconductors P83C524IFA Datasheet HTML 34Page - NXP Semiconductors P83C524IFA Datasheet HTML 35Page - NXP Semiconductors P83C524IFA Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
1997 Dec 15
32
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
13 BIT-LEVEL I2C INTERFACE
This bit-level serial I/O interface supports the I2C-bus (see
Fig.18). P1.6/SCL and P1.7/SDA are the serial I/O pins.
These two pins meet the I2C specification concerning the
input levels and output drive capability. Consequently,
these pins have an open drain output configuration. All
four modes of the I2C-bus are supported:
• master transmitter
• master receiver
• slave transmitter
• slave receiver.
The advantages of the bit-level I2C hardware compared
with a full software I2C implementation are:
• the hardware can generate the SCL pulse
• testing a single bit (RBF respectively, WBF) is sufficient
as a check for error free transmission.
The bit-level I2C hardware operates on serial bit level and
performs the following functions:
• filtering the incoming serial data and clock signals
• recognizing the START condition
• generating a serial interrupt request SI after reception of
a START condition and the first falling edge of the serial
clock
• recognizing the STOP condition
• recognizing a serial clock pulse on the SCL line
• latching a serial bit on the SDA line (SDI)
• stretching the SCL LOW period of the serial clock to
suspend the transfer of the next serial data bit
• setting Read Bit Finished (RBF) when the SCL clock
pulse has finished and Write Bit Finished (WBF) if there
is no arbitration loss detected (i.e. SDA = 0 while
SDO = 1)
• setting a serial clock LOW-to-HIGH detected (CLH) flag
• setting a Bus Busy (BB) flag on a START condition and
clearing this flag on a STOP condition
• releasing the SCL line and clearing the CLH, RBF and
WBF flags to resume transfer of the next serial data bit
• generating an automatic clock if the single bit data
register S1BIT is used in master mode.
The following functions must be done in software:
• handling the I2C START interrupts
• converting serial to parallel data when receiving
• converting parallel to serial data when transmitting
• comparing the received slave address with its own
• interpreting the acknowledge information
• guarding the I2C status if RBF or WBF = 0.
additionally, if acting as master:
• generating START and STOP conditions
• handling bus arbitration
• generating serial clock pulses if S1BIT is not used.
Three SFRs control the bit-level I2C interface: S1INT,
S1BIT and S1SCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com