Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 27Page - NXP Semiconductors P83C524IFA Datasheet HTML 28Page - NXP Semiconductors P83C524IFA Datasheet HTML 29Page - NXP Semiconductors P83C524IFA Datasheet HTML 30Page - NXP Semiconductors P83C524IFA Datasheet HTML 31Page - NXP Semiconductors P83C524IFA Datasheet HTML 32Page - NXP Semiconductors P83C524IFA Datasheet HTML 33Page - NXP Semiconductors P83C524IFA Datasheet HTML 34Page - NXP Semiconductors P83C524IFA Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
1997 Dec 15
31
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
12.1
Serial Port Control Register (SCON)
Table 12 Serial Port Control register (address 98H)
Table 13 Description of the SCON bits
12.2
SM0 and SM1 operating modes (SCON)
SCON bits SM0 and SM1 can operate in the following modes (see Table 14):
Table 14 SM0 and SM1 operating modes
76543210
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
BIT
SYMBOL
FUNCTION
7
SM0
see Table 14.
6
SM1
see Table 14.
5
SM2
Enables the multiprocessor communication feature in Modes 2 and 3. In these
modes, if SM2 is set to 1 then RI will not be activated if the received 9th data bit (RB8) is
0. In Mode 1, if SM2 = 1, then RI will not be activated if a valid stop bit is not received. In
Mode 0, SM2 should be 0.
4
REN
Enables serial reception. Set and cleared by software as required.
3
TB8
9th data bit that will be transmitted in Modes 2 and 3. Set and cleared by software
as required.
2
RB8
In Modes 2 and 3, RB8 is the 9th data bit that is received. In Mode 1, if SM2 = 0,
RB8 is the stop bit that is received. In Mode 0, RB8 is not used.
1TI
Transmit interrupt flag. It is set by hardware at the end of the 8th bit time in Mode 0, or
at the beginning of the stop bit in the other modes. TI must be cleared by software.
0RI
Receive interrupt flag. It is set by hardware at the end of the 8th bit time in Mode 0, or
halfway through the stop bit time in the other modes (except: see SM2). RI must be
cleared by software.
MODE
SM0
SM1
DESCRIPTION
BAUD RATE
0
0
0
shift register
1
⁄12fOSC
1
0
1
8-bit UART
variable
2
1
0
9-bit UART
1
⁄32fOSC, 1⁄64fOSC
3
1
1
9-bit UART
variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com