Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 22Page - NXP Semiconductors P83C524IFA Datasheet HTML 23Page - NXP Semiconductors P83C524IFA Datasheet HTML 24Page - NXP Semiconductors P83C524IFA Datasheet HTML 25Page - NXP Semiconductors P83C524IFA Datasheet HTML 26Page - NXP Semiconductors P83C524IFA Datasheet HTML 27Page - NXP Semiconductors P83C524IFA Datasheet HTML 28Page - NXP Semiconductors P83C524IFA Datasheet HTML 29Page - NXP Semiconductors P83C524IFA Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
1997 Dec 15
26
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
11.2
Timer 2
Timer 2 is functionally similar to the Timer 2 of the 8052AH. Timer 2 is a 16-bit timer/counter which is formed by two
SFRs, TL2 and TH2. Another pair of SFRs, RCAP2L and RCAP2H, form a 16-bit capture register or a 16-bit reload
register. Like Timer 0 and 1, Timer 2 can operate either as timer or as event counter. This is selected by bit C/T2 in the
T2CON SFR. The timer has three operating modes: 'capture', 'autoload' and 'baud rate generator', which are selected
by bits in the T2CON SFR (see Table 9).
Table 9
Timer 2 operating modes
11.2.1
TIMER 2CONTROL REGISTER (T2CON)
Table 10 Timer 2 Control register (address C8H)
Table 11 Description of the T2CON bits
RCLK + TCLK
CP/RL2
TR2
MODE
0
0
1
16-bit automatic reload
0
1
1
16-bit capture
1
X
1
baud rate generator
X
X
0
OFF
76543210
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
MNEMONIC
POSITION
FUNCTION
TF2
T2CON.7
Timer 2 overflow flag: set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when either RCLK = 1 or TCLK = 1. When Timer 2 interrupt is enabled,
TF2 = 1 (see EXF2).
EXF2
T2CON.6
Timer 2 external flag: set when either a capture or reload is caused by a negative
transition on T2EX and EXEN2 = 1. When Timer 2 interrupt is enabled, EXF2 = 1 will
cause the CPU to vector to Timer 2 interrupt routine.
RCLK
T2CON.5
Receive clock flag: when set, causes the Serial Port to use Timer 2 overflow pulses for
its receive clock in Modes 1 and 3. RCLK = 0 causes Timer 1 overflows to be used for
the receive clock.
TCLK
T2CON.4
Transmit clock flag: when set, causes the Serial Port to use Timer 2 overflow pulses
for its transmit clock in Modes 1 and 3. TCLK = 0 causes Timer 1 overflows to be used
for the transmit clock.
EXEN2
T2CON.3
Timer 2 external enable flag: when set, allows a capture or reload to occur as a result
of a negative transition on T2EX if Timer 2 is not being used to clock the Serial Port.
EXEN2 = 0 causes Timer 2 to ignore events at T2EX.
TR2
T2CON.2
Start/stop control: a logic 1 starts Timer 2. A logic 0 stops Timer 2.
C/T2
T2CON.1
Timer/counter select: 0 = internal timer (OSC/12). 1 = external event counter (falling
edge triggered).
CP/RL2
T2CON.0
Capture/reload flag: when set, capture will occur on negative transitions at T2EX if
EXEN2 = 1. When cleared, reloads will occur upon either Timer 2 overflows or negative
transitions at T2EX if EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this bit is ignored
and the timer is forced to reload upon overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com