Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 18Page - NXP Semiconductors P83C524IFA Datasheet HTML 19Page - NXP Semiconductors P83C524IFA Datasheet HTML 20Page - NXP Semiconductors P83C524IFA Datasheet HTML 21Page - NXP Semiconductors P83C524IFA Datasheet HTML 22Page - NXP Semiconductors P83C524IFA Datasheet HTML 23Page - NXP Semiconductors P83C524IFA Datasheet HTML 24Page - NXP Semiconductors P83C524IFA Datasheet HTML 25Page - NXP Semiconductors P83C524IFA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
1997 Dec 15
22
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
10 I/O FACILITIES
The P83C528 has four 8-bit ports. Ports 0-3 are the same
as in the 80C51, with the exception of the additional
function of Port 1. Port lines P1.0 and P1.1 may be used
as inputs for Timer 2, P1.1 may also be used as an
additional (third) external interrupt request input. Port lines
P1.6 and P1.7 may be selected as the SCL and SDA lines
of Serial Port SIO1 (I2C). Because the I2C-bus may be
active while the device is disconnected from VDD, these
pins are provided with open drain drivers. Pins P1.6 and
P1.7 do not have pull-up devices when used as ports.
Ports 0, 1, 2, and 3 perform the following alternative
functions:
• Port 0: provides the multiplexed low-order address and
data bus used for expanding the P83C528 with standard
memories and peripherals.
• Port 1: pins can be configured individually to provide:
external interrupt request input (external interrupt 2);
external inputs for Timer/counter 2; SCL and SDA for
the I2C interface.
• Port 2: provides the high-order address bus when
expanding the P83C528 with external program memory
and/or external data memory.
• Port 3: pins can be configured individually to provide:
external interrupt request inputs (external interrupt 0/1);
external inputs for Timer/counter 0 and
Timer/counter 1; Serial Port receiver input and
transmitter output control-signals to read and write
external data memory.
Bits which are not used for the alternative functions may be
used as normal bidirectional I/O pins. The generation or
use of a Port 1 or Port 3 pin as an alternative function is
carried out automatically by the P83C528 provided the
associated SFR bit is HIGH. Otherwise the port pin is held
at a logical LOW level.
Fig.13 I/O buffers in the P83C528 (Ports 1, 2 and 3 except P1.6 and P1.7).
handbook, full pagewidth
MLA513
p1
p2
p3
input data
read port pin
2 oscillator
periods
n
strong pull-up
I/O PIN
PORT
+5 V
I1
Q
from port latch
INPUT
BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com