Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 20Page - NXP Semiconductors P83C524IFA Datasheet HTML 21Page - NXP Semiconductors P83C524IFA Datasheet HTML 22Page - NXP Semiconductors P83C524IFA Datasheet HTML 23Page - NXP Semiconductors P83C524IFA Datasheet HTML 24Page - NXP Semiconductors P83C524IFA Datasheet HTML 25Page - NXP Semiconductors P83C524IFA Datasheet HTML 26Page - NXP Semiconductors P83C524IFA Datasheet HTML 27Page - NXP Semiconductors P83C524IFA Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
1997 Dec 15
24
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
11.1.1
TIMER/COUNTER MODE CONTROL REGISTER (TMOD)
Table 4
Timer/Counter Mode Control register (address 89H)
Table 5
Description of the TMOD bits
Table 6
TMOD M1 and M0 operating modes
76543210
TIMER 1
TIMER 0
GATE
C/TM1
M0
GATE
C/TM1
M0
BIT
SYMBOL
FUNCTION
TIMER 1
7GATE
Timer 1 gating control: when set, Timer/counter '1' is enabled only while 'INT1' pin is
HIGH and 'TR1' control bit is set. When cleared, Timer/counter '1' is enabled whenever
'TR1' control bit is set.
6C/T
Timer or counter selector: cleared for timer operation (input from internal system
clock). Set for counter operation (input from 'T1' input pin).
5M1
operating mode: see Table 6.
4M0
operating mode: see Table 6.
TIMER 0
3GATE
Timer 0 gating control: when set, Timer/counter '0' is enabled only while 'INT0' pin is
HIGH and 'TR0' control bit is set. When cleared, Timer/counter '0' is enabled whenever
'TR0' control bit is set.
2C/T
Timer or counter selector: cleared for timer operation (input from internal system
clock). Set for counter operation (input from 'T0' input pin).
1M1
operating mode: see Table 6.
0M0
operating mode: see Table 6.
M1
M0
FUNCTION
00
8-bit timer/counter: 'THx' with 5-bit prescaler.
01
16-bit timer/counter: 'THx' and 'TLx' are cascaded, there is no prescaler.
10
8-bit autoload timer/counter: 'THx' holds a value which is to be reloaded into 'TLx'
each time it overflows.
11
Timer 0: TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits.
TH0 is an 8-bit timer controlled by Timer 1 control bits.
11
Timer 1: Timer/counter 1 stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com