Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5507ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
ADL5507
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 34
VPOS = 3.3 V, TA = 25°C, 50 Ω source at RFIN, fRF = 3.6 GHz, CW signal, unless otherwise noted. Test circuit as shown in Figure 87.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
Pin RFIN
Frequency Range
10 to 12000
MHz
Input Voltage Range
Internally ac-coupled, ±1 dB Logarithmic Con-
formance
0.35 to 200
mV rms
Equivalent Power Range
51 Ω external termination
−56 to −1
dBm
Input Resistance
f = 0.1 GHz, 51 Ω shunt resistor at RFIN
50
Ω
OUTPUT INTERFACE
Pin VLOG
Output Offset Voltage
No signal at RFIN, RL ≥ 10 kΩ
+ Slope mode (ENBL = VPOS)
0.10
V
− Slope mode (ENBL = VPOS/2)
1.05
V
Maximum Output Voltage
Transient during enable sequencing
1.2
V
Available Output Current
Sourcing/sinking
15/15
mA
Rise Time
RLOAD = 100 Ω, output level 10% to 90% of
steady state value
+ Slope mode (ENBL = VPOS), PRFIN = off to
−25 dBm
200
ns
− Slope mode (ENBL = VPOS/2), PRFIN = −25
dBm to off
300
ns
Fall Time
RLOAD = 100 Ω, output level 90% to 10% of
steady state value
+ Slope mode (ENBL = VPOS), PRFIN = −25
dBm to off
200
ns
− Slope mode (ENBL = VPOS/2), PRFIN = off to
−25 dBm
300
ns
Output Noise Spectral Density
Measured at 100 kHz, −25 dBm at RFIN
+ Slope mode (ENBL = VPOS)
270
nV/√Hz
− Slope mode (ENBL = VPOS/2)
570
nV/√Hz
ENABLE INTERFACE
Pin ENBL
Input High Voltage (On, + Slope
Mode)
ENBL = High, −40°C ≤ TA ≤ +105°C
0.8∙VPOS
VPOS
V
Input Current When High
ENBL = 3.3V, −40°C ≤ TA ≤ +105°C
<1
µA
Input Open Circuit Voltage (On,
− Slope Mode)
ENBL = Open, −40°C ≤ TA ≤ +105°C
0.4∙VPOS
VPOS/2
0.6∙VPOS
V
Input Low Voltage (Shutdown)
ENBL = Low, −40°C ≤ TA ≤ +105°C
0
0.2∙VPOS
V
POWER INTERFACE
Pin VPOS
Supply Voltage
2.7
3.3
3.45
V
Supply Current (On, + Slope
Mode)
ENBL = VPOS
12.5
mA
Supply Current (On, − Slope
Mode)
ENBL = VPOS/2
12.5
mA
Shutdown Current
ENBL = 0 V
<100
µA
DETECTOR RESPONSE, POSI-
TIVE SLOPE MODE
Pin VLOG
+ Slope Mode, 10 MHz
ENBL = VPOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com