Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Data Sheet
ADL5507
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 12 of 34
Table 2. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VPOS)
3.6 V
DC Voltage at RFIN, ENBL, CFLT
−0.3 V to VPOS + 0.3 V
RF Input Power, RFIN1, 2, 3
Average
15 dBm
Peak
18 dBm
Short Circuit Duration at VLOG
Indefinite
θJA (WLCSP)
260°C/W
Maximum Junction Temperature (TJ)
+125°C
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
1 Driven from a 50 Ω source.
2 Under 50 Ω input matched condition.
3 Guaranteed by design. Not production tested.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com