Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Data Sheet
ADL5507
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 14 of 34
VPOS = 3.3 V, ENBL = 3.3 V for positive slope mode, ENBL = VPOS/2 for negative slope mode, TA = +25°C (black), +85°C (red), +105°C
(gold), and −40°C (blue) where applicable. CFLT = open, unless otherwise noted. Input RF signal is a sine wave (CW), unless otherwise
indicated. Power referenced to 50 Ω source and with a 51 Ω shunt matching resistor on the board. Measured with 6 dB attenuator pad between
RF signal source output and test board input. Distribution plots based upon more than 30 devices.
Figure 3. VVLOG and Log Conformance Error vs. PRFIN Over Temperature at 10
MHz, Positive Slope Mode
Figure 4. Log Conformance Error vs. PRFIN Over Temperature and VPOS at 10
MHz, Positive Slope Mode
Figure 5. Distribution of VVLOG and Log Conformance Error Drift with
Respect to 25°C vs. PRFIN at 10 MHz, Positive Slope Mode
Figure 6. VVLOG and Log Conformance Error vs. PRFIN Over Temperature at
100 MHz, Positive Slope Mode
Figure 7. Log Conformance Error vs. PRFIN Over Temperature and VPOS at
100 MHz, Positive Slope Mode
Figure 8. Distribution of VVLOG and Log Conformance Error Drift with
Respect to 25°C vs. PRFIN at 100 MHz, Positive Slope Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com