Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 27Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 28Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 29Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 30Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 31Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 32Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 33Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Data Sheet
ADL5507
EVALUATION BOARD
analog.com
Rev. 0 | 32 of 34
Figure 87 shows the schematic of the ADL5507 evaluation board.
The board is powered by a single supply in the 2.7 V to 3.45
V range. The power supply is decoupled by 100 pF and 0.1 µF
capacitors. Enable the device in positive slope mode by placing
a jumper at EN location of jumper block P1. Remove the jumper
completely to enable the device in negative slope mode.
The RF input has a broadband match of 50 Ω using a single
51 Ω resistor at R1A. More precise matching at spot frequencies is
possible (see the Input Coupling Options section).
Figure 88 and Figure 89 shows the layout of the evaluation board.
LAND PATTERN AND SOLDERING
INFORMATION
Pad diameters of 8 mils are recommended with a solder mask
opening of 12 mils. The RF input trace is a grounded coplanar
waveguide (GCPW) with a trace width of 28.5 mils and a gap width
of 10 mils, which corresponds to a 50 Ω characteristic impedance
for the dielectric material being used (RO4003C). All traces going to
the pads are tapered down to 5 mils. For the RFIN line, the length
of the tapered section is 25 mils.
Figure 87. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com