Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 27Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 28Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 29Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 30Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 31Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 32Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 33Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADL5507
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 31 of 34
Table 4. Input Impedance with 51 Ω Shunt for Select Frequency (Continued)
Frequency
S11
Impedance Ω
(GHz)
Real
Imaginary
(Series)
13
-0.731
-0.353
5.47 - j11.32
14
-0.545
-0.439
9.91 - j17.02
15
-0.609
-0.452
7.59 - j16.19
Table 5. Raw Input Impedance for Select Frequency
Frequency
S11
Impedance Ω
(GHz)
Real
Imaginary
(Series)
0.01
+0.925
-0.036
1024.75 - j518.10
0.1
+0.908
-0.028
941.18 - j301.57
0.5
+0.901
-0.114
384.78 - j498.60
1
+0.876
-0.222
141.67 - j343.22
2
+0.785
-0.415
48.43 - j189.73
3
+0.666
-0.566
27.38 - j131.03
4
+0.545
-0.672
19.07 - j101.97
5
+0.421
-0.750
14.47 - j83.55
6
+0.252
-0.788
13.33 - j66.74
7
+0.070
-0.810
11.13 - j53.25
8
-0.165
-0.761
10.18 - j39.28
9
-0.336
-0.671
9.75 - j30.03
10
-0.564
-0.524
7.50 - j19.27
11
-0.548
-0.356
11.37 - j14.11
12
-0.752
-0.262
5.84 - j8.34
13
-0.697
-0.375
6.18 - j12.43
14
-0.498
-0.365
13.01 - j15.34
15
-0.673
-0.344
7.35 - j11.81
FILTER CAPACITOR
The video bandwidth of VLOG is approximately 3.5 MHz. In CW
applications where the input frequency is much higher than this, no
further filtering of the demodulated signal is required. Where there
is a low frequency modulation of the carrier amplitude, however,
reduce the low-pass corner by the addition of an external filter
capacitor, CFLT. The video bandwidth is related to CFLT by
V ideo   Bandwidtℎ =
1
2π × 12 kΩ × 3.65 pF + CFLT
(6)
VLOG PULSE RESPONSE TIME
The ADL5507 VLOG output response for rise and fall times to a
given RF input pulse is quickest for CFLT = open; that is, the only
capacitance on the CFLT node is the internal capacitor. Adding
off-chip capacitance from the CFLT pin to the VLOG pin decreases
the video bandwidth and slows the output response to an RF input
pulse. See the Filter Capacitor section for an approximate closed
form equation for the VLOG video bandwidth.
VLOG OUTPUT NOISE
The ADL5507 VLOG output noise for Positive Slope mode is shown
in Figure 37 and for Negative Slope mode is shown in Figure 72 in
the Typical Performance Characteristics section for Capacitor CFLT
= open. Placing capacitance from CFLT to VLOG decreases the
noise spectral density and the integrated noise. The choice of the
CFLT value depends on the requirements pertaining to integrated
noise and noise spectral density at a given frequency. Also, the
value of CFLT directly controls the video bandwidth of the output,
and thus controls the output response time to an RF pulse (see the
VLOG Pulse Response Time section).
EFFECT OF WAVEFORM TYPE ON INTERCEPT
Although, specified for input levels in decibels relative to 1 mW
(dBm), the ADL5507 fundamentally responds to voltage and not
to power. A direct consequence of this characteristic is that input
signals of equal RMS power but differing crest factors, produce
different results at the output of the log amplifier.
The effect of differing signal waveforms is to shift the effective
value of the intercept upwards or downwards. Graphically, this looks
like a vertical shift in the transfer function of the log amplifier. The
logarithmic slope, however, is not affected. For example, consider
the case of the ADL5507 being alternately fed by an unmodulated
sine wave and by a 64 QAM signal of the same RMS power. The
output voltage of the ADL5507 differs by the equivalent of 1.6 dB
(31 mV) over the complete dynamic range of the device (with the
output for a 64 QAM input being lower).
DEVICE HANDLING
The WLCSP package consists of solder bumps connected to the
active side of the die. The device is lead-free with 95.5% tin, 4.0%
silver, and 0.5% copper solder bump composition. The WLCSP
package can be mounted on printed circuit boards using standard
surface-mount assembly techniques; however, take caution to avoid
damaging the die. See the AN-617 Application Note for additional
information. WLCSP devices are bumped die, and exposed die can
be sensitive to light conditions, which can influence specified limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com