Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADL5507
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 19 of 34
Figure 33. VVLOG vs. PRFIN Over Frequencies, Positive Slope Mode
Figure 34. VVLOG vs. fRFIN in Linear Scale Over Input Power, Positive Slope
Mode
Figure 35. Output Transient Response to RF Input Pulse for Various RF
powers at 3.6GHz
Figure 36. VVLOG vs. fRFIN in Log Scale Over Input Powers, Positive Slope
Mode
Figure 37. Output Noise Spectral Density for Various RF Powers at 3.6 GHz,
Positive Slope Mode
Figure 38. Output Transient Response with CW RF and Enable Pulse for
Various RF Powers at 3.6 GHz, Positive Slope Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com