Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
ADL5507
SPECIFICATIONS
analog.com
Rev. 0 | 9 of 34
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Maximum Input Level, ±1.0
dB Error
−2.5
dBm
Minimum Input Level, ±1.0
dB Error
−55.7
dBm
Temperature Drift Error
Log conformance error deviation from 25°C
−40°C < TA < +105°C, PRFIN = −45 dBm
−0.08/−0.421
dB
−40°C < TA < +105°C, PRFIN = −10 dBm
−0.39/+0.051
dB
Logarithmic Slope
Linear regression from −45 dBm to −10 dBm
−18.7
mV/dB
Logarithmic Intercept
Linear regression from −45 dBm to −10 dBm
−3.4
dBm
Output Voltage-High Power
Input
PRFIN = −5 dBm
33
mV
Output Voltage-Low Power
Input
PRFIN = −50 dBm
868
mV
− Slope Mode, 3.6 GHz
ENBL = VPOS/2
±1.0 dB Error Dynamic
Range
51.3
dB
Maximum Input Level, ±1.0
dB Error
−5.0
dBm
Minimum Input Level, ±1.0
dB Error
−56.3
dBm
Temperature Drift Error
Log conformance error deviation from 25°C
−40°C < TA < +105°C, PRFIN = −45 dBm
−0.14/−0.371
dB
−40°C < TA < +105°C, PRFIN = −10 dBm
−0.43/+0.071
dB
Logarithmic Slope
Linear regression from −45 dBm to −10 dBm
−18.7
mV/dB
Logarithmic Intercept
Linear regression from −45 dBm to−10 dBm
−4.1
dBm
Output Voltage-High Power
Input
PRFIN = −5 dBm
18
mV
Output Voltage-Low Power
Input
PRFIN = −50 dBm
857
mV
− Slope Mode, 5.8 GHz
ENBL = VPOS/2
±1.0 dB Error Dynamic
Range
53.6
dB
Maximum Input Level, ±1.0
dB Error
−3.3
dBm
Minimum Input Level, ±1.0
dB Error
−56.9
dBm
Temperature Drift Error
Log conformance error deviation from 25°C
−40°C < TA < +105°C, PRFIN = −45 dBm
−0.17/−0.241
dB
−40°C < TA < +105°C, PRFIN = −10 dBm
−0.66/+0.221
dB
Logarithmic Slope
Linear regression from −45 dBm to −10 dBm
−18.6
mV/dB
Logarithmic Intercept
Linear regression from −45 dBm to −10 dBm
−4.2
dBm
Output Voltage-High Power
Input
PRFIN = −5 dBm
11
mV
Output Voltage-Low Power
Input
PRFIN = −50 dBm
853
mV
− Slope Mode, 8 GHz
ENBL = VPOS/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com