Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5507ACBZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL5507ACBZ-R7
Description  10 MHz to 12 GHz, 55 dB Logarithmic RF Power Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5507ACBZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL5507ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 27Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 28Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 29Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 30Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 31Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 32Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 33Page - Analog Devices ADL5507ACBZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
ADL5507
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 34
►
Each operating frequency
To achieve the best accuracy, it is recommended to determine
SLOPE and INTERCEPT for each individual unit, requiring a two-
point factory calibration. When temperature drift effects are to be
included, SLOPE and INTERCEPT need to be determined at differ-
ent operating temperatures and the system needs to incorporate a
temperature sensor to determine which parameter values to use for
the current operating temperature.
The logarithmic conformance error curves in the Typical Perform-
ance Characteristics section were obtained using linear regression
applied to the response of the individual detector devices over
−45 dBm to −10 dBm input power at TA = 25°C. The calculated
SLOPE and INTERCEPT numbers are displayed in the tables
under Specifications.
At measurement temperatures other than TA = 25°C, the logarith-
mic response deviates slightly. A better measurement accuracy is
achieved if detector response at the actual device temperature is
used. The log conformance error deviation from TA = 25°C, the
temperature drift error, equals:
Temperature Drift Error=VVLOGT −VVLOG25°C
SLOPE25°C
(5)
INPUT COUPLING OPTIONS
The internal 25 pF coupling capacitor of the ADL5507, along
with the low frequency input impedance, gives a high-pass input
corner frequency of approximately 4 MHz. This sets the minimum
operating frequency. Figure 84 to Figure 86 show three options for
input coupling. A broadband resistive match can be implemented
by connecting a shunt resistor to ground at RFIN (see Figure 84).
This 51 Ω resistor (other values can also be used to select different
overall input impedance) combines with the input impedance of the
ADL5507 to give a broadband input impedance of 50 Ω. While
the input resistance and capacitance (RIN and CIN) varies by a max-
imum of approximately ±20% from device to device, the dominance
of the external shunt resistor means that the variation in the overall
input impedance is close to the tolerance of the external resistor.
Achieve better return loss by placing the 51 Ω shunt resistor as
near the device under test (DUT) as possible.
A reactive match can also be implemented, as shown in Figure
85. This is not recommended at low frequencies because device
tolerances dramatically vary the quality of the match due to the
large input resistance. For low frequencies, the option shown in
Figure 84 or Figure 86 is recommended.
In Figure 85, the matching components are drawn as general
reactants. Depending on the frequency, the input impedance at that
frequency and the availability of standard value components, either
a capacitor or an inductor, is used. As in the previous case, the
input impedance at a particular frequency is plotted on a Smith
Chart and matching components are chosen (Shunt or Series L,
or Shunt or Series C) to move the impedance to the center of
the chart. Matching components for specific frequencies can be
calculated using the Smith Chart.
Figure 84. Broadband Resistive Method for Input Coupling
Figure 85. Narrow-Band Reactive Method for Input Coupling
Figure 86. Series Attenuation Method for Input Coupling
Figure 86 shows a third method for coupling the input signal into
the ADL5507 in applications where the input signal is larger than
the input range of the log amp. A series resistor, connected to the
RF source, combines with the input impedance of the ADL5507 to
resistively divide the input signal being applied to the input. This
has the advantage of very little power being tapped off in RF power
transmission applications.
Table 4. Input Impedance with 51 Ω Shunt for Select Frequency
Frequency
S11
Impedance Ω
(GHz)
Real
Imaginary
(Series)
0.01
-0.006
-0.009
49.35 - j0.85
0.1
-0.011
-0.006
48.88 - j0.60
0.5
-0.010
-0.026
48.90 - j2.57
1
-0.010
-0.054
48.72 - j5.27
2
-0.008
-0.113
47.96 - j11.01
3
-0.003
-0.179
46.64 - j17.30
4
+0.006
-0.250
44.67 - j23.79
5
+0.012
-0.323
41.49 - j29.90
6
-0.006
-0.392
36.30 - j33.57
7
-0.063
-0.464
29.04 - j34.48
8
-0.204
-0.504
20.67 - j29.59
9
-0.354
-0.545
13.55 - j25.59
10
-0.593
-0.459
7.98 - j16.70
11
-0.616
-0.326
9.45 - j12.01
12
-0.760
-0.274
5.48 - j8.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com