Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
When VBAT drops below the threshold value Vth(bat)low (typical 2.5 V), the BLF flag (register Control_3) is set to
indicate that the battery is low and that it must be replaced. Monitoring of the battery voltage also occurs during
battery operation.
An unreliable battery cannot prevent the supply voltage from dropping below Vlow (typical 1.2 V) and with that
the data integrity gets lost. (For further information about Vlow see Section 7.6.)
When VBAT drops below the threshold value Vth(bat)low, the following sequence occurs (see Figure 7):
1. The battery low flag BLF is set logic 1.
2. An interrupt is generated if the control bit BLIE (register Control_3) is enabled (see Section 7.13.7).
3. The flag BLF remains logic 1 until the battery is replaced. BLF cannot be cleared by command. It is
automatically cleared by the battery low detection circuit when the battery is replaced or when the voltage
rises again above the threshold value. This could happen if a super capacitor is used as a backup source
and the main power is applied again.
001aaj322
internal operating voltage (Voper(int))
VBAT
BLF
Vth(bat)low
(= 2.5 V)
VBAT
VDD = Voper(int)
INT
Figure 7. Battery low detection behavior with bit BLIE set logic 1 (enabled)
7.5.3 Battery backup supply
The VBBS voltage on the output pin BBS is at the same potential as the internal operating voltage Voper(int),
depending on the selected battery switch-over function mode:
Battery switch-over function mode
Conditions
Potential of
Voper(int) and VBBS
VDD > VBAT OR VDD > Vth(sw)bat
VDD
standard
VDD < VBAT AND VDD < Vth(sw)bat
VBAT
VDD > VBAT
VDD
direct switching
VDD < VBAT
VBAT
disabled
only VDD available,
VBAT must be put to ground
VDD
Table 23. Output pin BBS
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
21 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com