Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 42Page - NXP Semiconductors PCF2131 Datasheet HTML 43Page - NXP Semiconductors PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors PCF2131 Datasheet HTML 46Page - NXP Semiconductors PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors PCF2131 Datasheet HTML 49Page - NXP Semiconductors PCF2131 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
The pulse generator for the minute/second interrupt operates from an internal 64 Hz clock and generates a
pulse of 1⁄64 seconds in duration.
7.13.2 INTA/B pulse shortening
If the MSF flag (register Control_2) is cleared before the end of the INTA/B pulse, then the INTA/B pulse is
shortened. This allows the source of a system interrupt to be cleared immediately when it is serviced, that is, the
system does not have to wait for the completion of the pulse before continuing; see Figure 20. Instructions for
clearing the bit MSF can be found in Section 7.11.5.
aaa-041573
58
seconds counter
MSF
INTA/B
SCL
instruction
59
CLEAR INSTRUCTION
8th clock
(1)
1. Indicates normal duration of INTA/B pulse.
The timing shown for clearing bit MSF is also valid for the non-pulsed interrupt mode, that is, when TI_TP is logic 0, where
the INTA/B pulse may be shortened by setting both bits MI and SI logic 0.
Figure 20. Example of shortening the INTA/B pulse by clearing the MSF flag
7.13.3 Watchdog timer interrupts
The generation of interrupts from the watchdog timer is controlled using the WD_CD bit (register
Watchdg_tim_ctl). The interrupt is generated as an active signal which follows the status of the watchdog timer
flag WDTF (register Control_2) if not masked. No pulse generation is possible for watchdog timer interrupts.
The interrupt is cleared when the flag WDTF is reset. Instructions for clearing it can be found in Section 7.11.5.
7.13.4 Alarm interrupts
Generation of interrupts from the alarm function is controlled by the bit AIE (register Control_2). If AIE is
enabled, the INTA/B pin follows the status of bit AF (register Control_2) if not masked. Clearing AF immediately
clears INTA/B. No pulse generation is possible for alarm interrupts.
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
46 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com