Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.2 Control registers
The first five registers of the PCF2131, with the addresses 00h, 01h, 02h, 03h and 04h, are used as control
registers.
7.2.1 Register Control_1
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
EXT_
TEST
TC_DIS
STOP
100TH_
S_DIS
POR_
OVRD
12_24
MI
SI
Reset
value
0
0
0
0
1
0
0
0
Table 5. Control_1 - control and status register 1 (address 00h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
Reference
0
normal mode
7
EXT_TEST
1
external clock test mode
Section 7.14
0
Temperature compensation enabled
6
TC_DIS
1
Temperature compensation disabled
Section 7.3.1
0
RTC source clock runs
5
STOP
1
RTC clock is stopped;
RTC divider chain flip-flops are asynchronously
set logic 0;
CLKOUT output frequencies are still available
Section 7.15
0
100th seconds counter enabled
4
100TH_S_DIS
1
100th seconds counter Disabled, register 06h reset
to 00h.
-
-
0
Power-On Reset Override (PORO) facility disabled;
set logic 0 for normal operation
3
POR_OVRD
1
Power-On Reset Override (PORO) sequence
reception enabled
Section 7.7.2
0
24-hour mode selected
2
12_24
1
12-hour mode selected
Table 34,
Table 50,
Table 71
0
minute interrupt disabled
1
MI
1
minute interrupt enabled
0
second interrupt disabled
0
SI
1
second interrupt enabled
Section 7.13.1
Table 6. Control_1 - control and status register 1 (address 00h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
10 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com