Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 77Page - NXP Semiconductors PCF2131 Datasheet HTML 78Page - NXP Semiconductors PCF2131 Datasheet HTML 79Page - NXP Semiconductors PCF2131 Datasheet HTML 80Page - NXP Semiconductors PCF2131 Datasheet HTML 81Page - NXP Semiconductors PCF2131 Datasheet HTML 82Page - NXP Semiconductors PCF2131 Datasheet HTML 83Page - NXP Semiconductors PCF2131 Datasheet HTML 84Page - NXP Semiconductors PCF2131 Datasheet HTML 85Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Fig. 34.
Bus protocol, reading from registers ............... 56
Fig. 35.
Device diode protection diagram of
PCF2131 ......................................................... 56
Fig. 36.
IOL on pin SDA/CE .........................................60
Fig. 37.
IDD as a function of temperature .................... 61
Fig. 38.
IDD as a function of VDD ............................... 62
Fig. 39.
Typical characteristic of frequency with
respect to temperature of PCF2131 ................63
Fig. 40.
SPI-bus timing .................................................65
Fig. 41.
I2C-bus timing diagram; rise and fall times
refer to 30 % and 70 % .................................. 66
Fig. 42.
General application diagram ........................... 67
Fig. 43.
Package outline SOT1992-1 (HLSON16) ........68
Fig. 44.
Package outline SOT1992-1 (HLSON16);
detail G ............................................................69
Fig. 45.
Package outline SOT1992-1 (HLSON16);
notes ................................................................70
Fig. 46.
Footprint information part 1 for reflow
soldering of SOT1992-1 (HLSON16) ...............72
Fig. 47.
Footprint information part 2 for reflow
soldering of SOT1992-1 (HLSON16) ...............73
Fig. 48.
Footprint information part 3 for reflow
soldering of SOT1992-1 (HLSON16) ...............74
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
83 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com