Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 43Page - NXP Semiconductors PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors PCF2131 Datasheet HTML 46Page - NXP Semiconductors PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors PCF2131 Datasheet HTML 49Page - NXP Semiconductors PCF2131 Datasheet HTML 50Page - NXP Semiconductors PCF2131 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
aaa-041574
44
45
minute counter
minute alarm
AF
INTA/B
SCL
instruction
45
CLEAR INSTRUCTION
8th clock
Example where only the minute alarm is used and no other interrupts are enabled.
Figure 21. AF timing diagram
7.13.5 Timestamp interrupts
Interrupt generation from the timestamp function is controlled using the TSIE1-4 bit (register Control_5). If
TSIE1-4 is enabled, the INTA/B pin follows the status of the flags TSF1/2/3/4, if not masked. Clearing the flags
TSFx immediately clears INTA/B. No pulse generation is possible for timestamp interrupts.
7.13.6 Battery switch-over interrupts
Generation of interrupts from the battery switch-over is controlled by the BIE bit (register Control_3). If BIE is
enabled, the INTA/B pin follows the status of bit BF in register Control_3 if not masked(see Table 78). Clearing
BF immediately clears INTA/B. No pulse generation is possible for battery switch-over interrupts.
7.13.7 Battery low detection interrupts
Generation of interrupts from the battery low detection is controlled by the BLIE bit (register Control_3). If BLIE
is enabled, the INTA/B pin follows the status of bit BLF (register Control_3) if not masked. The interrupt is
cleared when the battery is replaced (BLF is logic 0) or when bit BLIE is disabled (BLIE is logic 0). BLF is read
only and therefore cannot be cleared by command.
7.13.8 Interrupt masks
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
INT_A/B_MASK1
Reset
value
-
-
1
1
1
1
1
1
Table 80. INT_A/B_MASK1 - interrupt mask 1 register (address 31h/33h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
7 to 6
T
00
unused
Table 81. INT_A/B_MASK1 - interrupt mask 1 register (address 31h/33h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
47 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com