Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 33Page - NXP Semiconductors PCF2131 Datasheet HTML 34Page - NXP Semiconductors PCF2131 Datasheet HTML 35Page - NXP Semiconductors PCF2131 Datasheet HTML 36Page - NXP Semiconductors PCF2131 Datasheet HTML 37Page - NXP Semiconductors PCF2131 Datasheet HTML 38Page - NXP Semiconductors PCF2131 Datasheet HTML 39Page - NXP Semiconductors PCF2131 Datasheet HTML 40Page - NXP Semiconductors PCF2131 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Symbol
Value
Description
where n is the timer value (n > 1)
Write Only
Table 58. Watchdg_tim_val - watchdog timer value register (address 36h) bit description
TF[1:0]
Timer source clock
frequency
Units
Minimum timer period
(n = 2)
Units
Maximum timer period
(n = 255)
Units
00
64
Hz
15.625
ms
3.984
s
01
4
Hz
250
ms
63.744
s
10
1⁄4
Hz
4
s
1020
s
11
1⁄64
Hz
64
s
16320
s
Table 59. Programmable watchdog timer
7.11.3 Watchdog timer function
The watchdog timer interrupt function is enabled or disabled by the WD_CD bit of the register Watchdg_tim_ctl
(see Table 56).
The 2 bits TF[1:0] in register Watchdg_tim_ctl determine one of the four source clock frequencies for the
watchdog timer: 64 Hz, 4 Hz, 1⁄4 Hz or 1⁄64 Hz (see Table 59).
When the watchdog timer function is enabled, the 8-bit timer in register Watchdg_tim_val determines the
watchdog timer period (see Table 59).
The watchdog timer counts down from the software programmed 8-bit binary value n in register
Watchdg_tim_val. When the counter reaches 1, the watchdog timer flag WDTF (register Control_2) is set logic 1
and an interrupt is generated. The period accuracy corresponds to n +/- 0.5.
The register Watchdg_tim_val is write only and not readable after set.
The counter does not automatically reload.
When WD_CD is logic 1/0 (watchdog timer interrupt enabled/disabled) and the Micro-controller Unit (MCU)
loads a watchdog timer value n:
• the flag WDTF is reset
• INTA/B is cleared
• the watchdog timer starts again
Loading the counter with 0 or 1 will:
• reset the flag WDTF
• clear INTA/B
• stop the watchdog timer
Remark: WDTF can be cleared by:
• loading a value in register Watchdg_tim_val
• writing a logic 0 to WDTF
Writing a logic 1 to WDTF has no effect.
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
37 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com