Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
• The registers at addresses 0Eh through 12h define the alarm function. It can be selected that an interrupt is
generated when an alarm event occurs (see Section 7.10).
• The register at address 13h defines the temperature measurement period and the clock out mode. The
temperature measurement can be selected from every 32 minutes (default) down to every 4minutes (see
Table 17). CLKOUT frequencies of 32.768 kHz (default) down to 1 Hz for use as system clock, microcontroller
clock, and so on, can be chosen (see Table 18).
• The registers at addresses 14h to 2Fh are used for the timestamp function. When the trigger event happens,
the actual time is saved in the timestamp registers (see Section 7.12).
• The register at address 30h is used for the correction of the crystal aging effect (see Section 7.4.1).
• The registers at addresses 31h to 34h are used for interrupt configration.
• The registers at addresses 35h and 36h are used for the watchdog timer functions. The watchdog timer has
four selectable source clocks allowing for timer periods from less than 20 ms to greater than 4 hours (see
Table 59). An interrupt is generated when the watchdog times out.
• The registers 100th Seconds, Seconds, Minutes, Hours, Days, Months, and Years are all coded in Binary
Coded Decimal (BCD) format to simplify application use. Other registers are either bit-wise or standard binary.
When one of the RTC registers is written or read, the content of all counters is temporarily frozen, all registers
hold their state during SPI or I2C transactions. The time stamp registers would update as soon as the bus
transaction completes. This prevents a faulty writing or reading of the clock and calendar during a carry
condition (see Section 7.9.9).
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
6 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com