Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors PCF2131 Datasheet HTML 46Page - NXP Semiconductors PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors PCF2131 Datasheet HTML 49Page - NXP Semiconductors PCF2131 Datasheet HTML 50Page - NXP Semiconductors PCF2131 Datasheet HTML 51Page - NXP Semiconductors PCF2131 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
5
MIA/B
1
minute interrupt mask
4
SIA/B
1
second interrupt mask
3
WD_CDA/B
1
watchdog interrupt mask
2
AIEA/B
1
alarm interrupt mask
1
BIEA/B
1
battery flag interrupt mask
0
BLIEA/B
1
battery low flag interrupt mask
Table 81. INT_A/B_MASK1 - interrupt mask 1 register (address 31h/33h) bit description...continued
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
INT_A/B_MASK2
Reset
value
T
T
T
T
1
1
1
1
Table 82. INT_A/B_MASK2 - interrupt mask 2 register (address 32h/34h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
7 to 4
T
0000
unused
3
TSIE1A/B
1
time stamp 1 interrupt mask
2
TSIE2A/B
1
time stamp 2 interrupt mask
1
TSIE3A/B
1
time stamp 3 interrupt mask
0
TSIE4A/B
1
time stamp 4 interrupt mask
Table 83. INT_A/B_MASK2 - interrupt mask 2 register (address 32h/34h) bit description
The registers at addresses 31h to 32h are used to configure interrupt source for INTA pin, and the registers at
addresses 33h to 34h are for INTB pin.
All of above interrupts could be masked from either INTA or INTB, with corresponding bit set to ‘1’, as shown in
Figure 17.
7.14 External clock test mode
A test mode is available which allows on-board testing. In this mode, it is possible to set up test conditions and
control the operation of the RTC.
The test mode is entered by setting bits COF[2:0] logic 111 (register CLKOUT_ctl) and bit EXT_TEST logic 1
(register Control_1). Then pin CLKOUT becomes an input. The test mode replaces the internal clock signal
(8192 Hz) with the signal applied to pin CLKOUT. Every 8192 positive edges applied to pin CLKOUT generate
an increment of one second.
The signal applied to pin CLKOUT should have a minimum pulse width of 300 ns and a minimum period of 1
 000 ns. The internal clock, now sourced from CLKOUT, is divided down by a divider chain called prescaler. The
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
48 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com