Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors PCF2131 Datasheet HTML 10Page - NXP Semiconductors PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bit
Symbol
Value
Description
Reference
7 to 5
PWRMNG[2:0]
see
Table 22
control of the battery switch-over, battery low
detection, and extra power fail detection functions
Section 7.5
0
no timestamp when battery switch-over occurs
4
BTSE
1
time-stamped when battery switch-over occurs
Section 7.12.4
0
no battery switch-over interrupt occurred
3
BF
1
flag set when battery switch-over occurs;
flag must be cleared to clear interrupt
Section 7.5.1
and
Section 7.12.4
0
battery status ok;
no battery low interrupt generated
2
BLF
1
battery status low;
flag cannot be cleared by command, flag is
automatically cleared when battery is replaced.
Section 7.5.2
0
no interrupt generated from the battery flag (BF)
1
BIE
1
interrupt generated when BF is set
Section 7.13.6
0
no interrupt generated from battery low flag (BLF)
0
BLIE
1
interrupt generated when BLF is set
Section 7.13.7
Table 10. Control_3 - control and status register 3 (address 02h) bit description
7.2.4 Register Control_4
Bit
7
6
5
4
3
2
1
0
Symbol
TSF1
TSF2
TSF3
TSF4
T
T
T
T
Reset
value
0
0
0
0
0
0
0
0
Table 11. Control_4 - control and status register 4 (address 03h) bit allocation
Bit
Symbol
Value
Description
Reference
0
no timestamp interrupt generated for pin TS1
7
TSF1
1
flag set when TS1 input is driven to ground;
flag must be cleared to clear interrupt
Section 7.12.1
0
no timestamp interrupt generated when pin TS2
6
TSF2
1
flag set when TS2 input is driven to ground;
flag must be cleared to clear interrupt
Section 7.12.1
0
no timestamp interrupt generated for pin TS3
5
TSF3
1
flag set when TS3 input is driven to ground;
flag must be cleared to clear interrupt
Section 7.12.1
0
no timestamp interrupt generated when pin TS4
4
TSF4
1
flag set when TS4 input is driven to ground;
flag must be cleared to clear interrupt
Section 7.12.1
3
T
0
Unused
Table 12. Control_4 - control and status register 4 (address 03h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
12 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com