Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 45Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 46Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 47Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 48Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 49Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 50Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 51Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 52Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
1996 Oct 29
49
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.4.2
Uplink Speech Frame Format
Every 20 ms the speech encoder in the DSP requires a speech frame consisting of 160 16-bit words. The speech frame
format is described in Table 36. Each word consists of three fields as shown in Table 35.
Table 35 Field descriptions
Table 36 Uplink speech frame format
FIELD
DESCRIPTION
SAMPLE
This field contains the 13-bit linear PCM audio samples in two’s complement (MSB = sign bit)
representation as defined by the
“GSM recommendation 06.01”.
PARM
If the bypass_flag in SP_encoder_TCHFS procedure (see Section 9.3.1) is set to 1, the speech encoder
is bypassed and the bits D1 to D260 are used as the coded speech frame. If bypass_flag is set to 2, the
speech encoder is only bypassed, if the control flag BM0 is set to 1 and BM1 is set to 0. The SP_R flag
indicates, either a speech frame (SP_R = 1) or a silence frame (SP_R = 0) is transmitted. Before the
external device could send meaningful information, it has to synchronize to the rising edge of the
SYNC bit (see Table 43).
RESD,
RESE
RESet Decoder, RESet Encoder. In test mode (see Section 9.3.1 speech coding procedures) these bits
behave as a reset signal for the speech decoder/encoder on a LOW-to-HIGH transition, RESD/RESE
must remain set for at least 40 ms.
OFFSET
SAMPLE FIELD
PARM FIELD
RESD FIELD
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
audio sample 0
RESE
not used
RESD
1
audio sample 1
not used
.
2 to 27
audio samples 2 to 27
.
28
audio sample 28
BM1
BM0
.
29
audio sample 29
−
SP_R
.
30
audio sample 30
D2
D1
.
31
audio sample 31
D4
D3
.
32 to 157
audio samples 32 to 157
.
.
.
158
audio sample 158
D258
D257
.
159
audio sample 159
D260
D259
RESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com