Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 50Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 51Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 52Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 53Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 54Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 55Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 136 page
background image
1996 Oct 29
54
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.5.4
User data block formats
In the following sections the user data block formats for all
data channels defined in
“GSM Rec. 05.03” are explained.
The formats for uplink and downlink directions are identical
with the exception that three additional bytes are
transmitted in the downlink direction:
• The first byte contains the facch_flag. This flag indicates
whether the channel decoder has decoded a FACCH
(facch_flag = 1) or not (facch_flag = 0).
• The other two bytes, rxqual_ber_low and
rxqual_ber_high, indicate the estimated Bit Error Rate
(BER) at the channel decoder input.
The Bit Error Rate can be calculated using the following
equation:
Tables 44 to 47 show the user data block format for
full-rate and half-rate data channels running at different
baud rates.
Note that the TCH/H4.8 format is used for half-rate data
channels at 4.8 kbits/s. It is equivalent to the format used
for TCH/F9.6 (see Table 46).
BER
rxqual_ber_low
256
rxqual_ber_high
×
+
4096
----------------------------------------------------------------------------------------------------------
=
Table 44 TCH/F2.4
The following table shows the user data block for full rate data channel at 2.4 kbit/s (and less). The 2
× 36 data bits
shown correspond to 2 modified CCITT V.110 36-bit frames.
DESCRIPTION
OFFSET
DOWNLINK DATA
UPLINK DATA
Block size
0
14
11
Valid flag
1
1
1
Modified CCITT frame 1
2
rb8 to rb1
rb8 to rb1
3
rb16 to rb9
rb16 to rb9
4
rb24 to rb17
rb24 to rb17
5
rb32 to rb25
rb32 to rb25
6
rb36 to rb33
rb36 to rb33
Modified CCITT frame 2
7
rb8 to rb1
rb8 to rb1
8
rb16 to rb9
rb16 to rb9
9
rb24 to rb17
rb24 to rb17
10
rb32 to rb25
rb32 to rb25
11
rb36 to rb33
rb36 to rb33
FACCH flag
12
facch_flag
−
rxqual_ber
13
rxqual_ber_low
−
14
rxqual_ber_high
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com