Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 6Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 7Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 8Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 9Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 10Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 11Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 12Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 13Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
1996 Oct 29
10
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
VSS1
99
Ground I/O pin.
VDD1
100
Supply I/O pin.
HD4 to HD7
101 to 104 I/O
Host Interface data (3-state).
HR/W
105
I
Host Interface Write Enable.
HCEN_D
106
I
Host Interface Enable - DSP core (active LOW).
DTACK
107
O
Host port acknowledge - used as DTACK from DSP core (active LOW, open-drain
output).
SIXCLK
108
I
DSP serial input port X clock (CMOS level Schmitt trigger input).
SIXEN
109
I
DSP serial input port X enable.
SIXD
110
I
DSP serial input port X data.
SOXCLK
111
I
DSP serial output port X clock (CMOS level Schmitt trigger input).
VDD2
112
Supply core.
VSS2
113
Ground core.
SOXEN
114
I
DSP serial output port X enable.
SOXD
115
O
DSP serial output port X data (3-state).
CLK20M
116
O
19.5 MHz CMOS level output.
FRAME_INT
117
O
TDMA frame interrupt (active LOW, open drain output).
COMB_INT
118
O
Combined interrupt (active LOW, open drain output).
HIPR_INT
119
O
High Priority Interrupt (active LOW, open drain output).
CLK13M
120
O
13 MHz CMOS level output.
VSS1
121
Ground I/O pin.
VDD1
122
Supply I/O pin.
AFS
123
I/O
Audio Interface frame sync signal (3-state).
ACLK
124
I/O
Audio Interface Clock (3-state).
ADI
125
I
Audio Interface Data In, RS232 clock if enabled.
ADO
126
O
Audio Interface Data Out (3-state).
TSCK1
127
I
Test Clock 1 - tied to VSS during normal operation.
TSCK2
128
I
Test Clock 2 - tied to VDD2 during normal operation.
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com