Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 3Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 4Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 5Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 6Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 7Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 8Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 9Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 10Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
1996 Oct 29
7
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
6.2
Pinning description
SYMBOL
PIN
I/O
DESCRIPTION
TCE
1
I
Test Clock Enable (active HIGH); tied to VSS during normal operation.
PIO1 to PIO5
2 to 6
I/O
General purpose parallel port (3-state output).
BEN
7
O
Baseband Port Enable (active HIGH, 3-state).
TXON
8
O
Modulator window enable (active HIGH, 3-state).
RXON
9
O
Receiver window enable (active HIGH, 3-state).
VSS1
10
Ground I/O pin.
VDD1
11
Supply I/O pin.
PDRX1
12
O
Receiver Power-down 1 (active HIGH, 3-state).
PDRX2
13
O
Receiver Power-down 2 (active HIGH, 3-state).
PDTX1
14
O
Transmitter Power-down 1 (active HIGH, 3-state).
NPDTX1
15
O
Inverted output of PDTX1 (active LOW, 3-state).
VDD2
16
Supply core.
VSS2
17
Ground core.
NPDTX2
18
O
Transmitter Power-down 2 (active LOW, 3-state).
PDBIAS
19
O
Transmitter power supply Power-down (active HIGH, 3-state).
NPDBIAS
20
O
Inverted output of PDBIAS (active LOW, 3-state).
PDSYN
21
O
Synthesizer Power-down (active HIGH, 3-state).
TXKEY1
22
O
Power ramping control (active HIGH, 3-state).
TXKEY2
23
O
Power module control (active HIGH, 3-state).
DSPEN
24
I
DSP Test Mode Enable (active HIGH). PCF5083-2B includes an internal
pull-down resistor. PCF5083-2C does not include an internal pull-down resistor.
TIMEN
25
I
Timer Test Mode Enable (active HIGH). PCF5083-2B includes an internal
pull-down resistor. PCF5083-2C does not include an internal pull-down resistor.
RSTC
26
I
Asynchronous Reset - real time clock (active LOW, CMOS level Schmitt trigger
input).
RSTO
27
I
Asynchronous Reset - ON/OFF logic (active LOW, CMOS level Schmitt trigger
input).
VDD1
28
Supply I/O pin.
CLK32O
29
O
32.768 kHz crystal oscillator output.
CLK32I
30
I
32.768 kHz crystal oscillator input.
VSS1
31
Ground I/O pin.
ONKEY
32
I
ON/OFF Key input (active HIGH, CMOS level Schmitt trigger input with internal
pull-down resistor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com