Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 22Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 23Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 24Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 25Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 26Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 27Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 28Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 29Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 136 page
background image
1996 Oct 29
26
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.3.2.3
Timing Generation
To generate all burst types required to fulfil the GSM timing, it is necessary to combine and/or modify the basic receive
and transmit burst sequences. For this purpose two registers MODE0_REG and MODE1_REG exist, containing some
flags to control the burst timing. Both mode registers and the registers RXSTART_REG, TXSTART_REG and
MONSTART_REG have an additional pipeline stage.The first register stage can be read or written by the SC.
The second stage is used for timing generation. The pipelining operation is performed at QBC = 0 (together with the
frame interrupt generation). Some flags inside the mode registers have a third pipelining stage to allow the generation of
a MON burst which overlaps into the next frame. The System Controller must set up the registers within the frame before
the programmed timing becomes active. Which register MODE0_REG or MODE1_REG is actually used is described in
Table 11. MODE0_REG and MODE1_REG contain identical flags.
Table 11 Mode Registers (MODE0_REG and MODE1_REG)
Table 12 Register selection for the MON burst
BIT
FLAG
DESCRIPTION
13
USEMODE
MODE_REGx select. If USERMODE = 0; then switch to MODE_REG0 after the next
frame. If USERMODE = 1; then switch to MODE_REG1 after the next frame.
12
DISFRAMENT
Disable frame interrupt. If DISFRAMENT = 1; then the frame interrupt is disabled.
11
RXCAL
RX calibration timing. If RXCAL = 1; then the RX calibration timing is generated.
10
TXLENGTH
Register select. The state of this bit determines which registers are used for the TX
burst. If TXLENGTH = 0; then registers TXBURST0_REG and TXKEY0_REG are
used. If TXLENGTH = 1; then registers TXBURST1_REG and TXKEY1_REG are
used.
9
MONLENGTH1
RXBURSTx_REG select. The state of these two bits determine which RXBURST
register is used for the MON burst; see Table 12.
8
MONLENGTH0
7
RXLENGTH1
RXBURSTx_REG select. The state of these two bits determine which RXBURST
register is used for the Rx burst; see Table 13.
6
RXLENGTH0
5
DTX
DTX timing enable. If DTX = 1; then DTX timing is enabled.
4
SEND
TX burst timing. If SEND = 1; the TX burst timing is generated.
3
RECON
Receiver start-up. If RECON = 1, the receiver start-up sequence for the MON burst
in the idle frame is generated.
2
RECMON
MON burst timing. If RECMON = 1; the MON burst timing is generated.
1
RECTX
Third level measurement. If RECTX = 1; then the MON burst timing during the TX
timeslot for a third level measurements generated.
0
RECRX
Rx burst timing. If RECRX = 1; the Rx burst timing is generated.
MONLENGTH1
MONLENGTH0
REGISTER SELECTED
0
0
RXBURST0_REG is used.
0
1
RXBURST1_REG is used.
1
0
RXBURST2_REG is used.
1
1
Undefined during a MON burst.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com