Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 61Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 62Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 63Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 64Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 65Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
1996 Oct 29
62
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.2.4
ERROR HANDLING
The ERROR indication notifies the SC that an error has occurred in previously submitted EXEC PROC commands with
ID msg_id. Table 54 shows all possible error codes. After the detection of an error, the current command is aborted and
the DSP continues execution of the next command in the input queue.
Table 54 Error codes
Note
1. These error codes do not notify a real error; they indicate the occurrence of a special event.
MNEMONIC
CODE
DESCRIPTION
RESET_OCCURRED
1
the DSP main program restarted
MSG_TYP_UNKNOWN
5
an undefined command was received by the DSP
WRONG_PARAMETER
10
one of the procedure parameters is not in a valid range
MSG_IN_FIFO_OVERFLOW
11
an input queue overflow occurred
MSG_OUT_FIFO_OVERFLOW
12
an output queue overflow occurred
BBD_IN_FIFO_OVERFLOW
13
a BBD FIFO overflow occurred
MOD_FIFO_FULL
14
the modulator FIFO is not empty enough to receive all data
AUDIO_IN_IFO_OVERFLOW
15
an audio input FIFO overflow occurred
AUDIO_OUT_FIFO_UNDERFLOW
16
an audio output FIFO underflow occurred
AUDIO_OUT_FIFO_FULL
17
the audio output FIFO is not empty enough to receive all data
TIMEOUT_BBD_IN_FIFO
20
a time-out occurred waiting for BBD samples
TIMEOUT_AUDIO_IN_FIFO
21
a timeout occurred waiting for audio input samples
AUDIO_SYNC_FAILED
22
the audio synchronization was not successful
AUDIO_SYNC_TIMEOUT
26
MP_audio_sync waited too long for the first BBD sample
FSC_TIMEOUT
27
MP_iom2_enable waited too long for the frame sync interrupt
AUDIO_SAMPLES_INSERTED
28(1)
MP_audio_sync inserted audio samples into the audio FIFO
AUDIO_SAMPLES_REMOVED
29(1)
MP_audio_sync removed audio samples from the audio FIFO
SPEECH_ENCODER_RESET
31(1)
a speech encoder reset occurred
SPEECH_DECODER_RESET
32(1)
a speech decoder reset occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com