Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 33Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 34Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 35Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 36Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 37Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 38Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 39Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 40Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 136 page
background image
1996 Oct 29
37
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.5.1
IOM®-2 CLOCK GENERATION
If the IOM®-2 clock and frame synchronization signals are
generated internally from the 13 MHz reference clock, the
basis clock runs at 1.536 MHz as illustrated in Fig.14. One
125
µs FSC period consists of 192 DCL periods (0 to 191).
The DCL periods 12, 25, 38, 51, 64, 77, 90, 103, 116, 129,
142, 155, 168 and 181 are 8T wide (high time = low
time = 4T), where T is the 13 MHz clock period
(T = 77 ns). All other DCL periods are 8.5T wide
(high time = 4.5T, low time = 4T).
It is possible to extend or to reduce 12 consecutive IOM®-2
frame periods by 1T each. This results in a total reduction
or extension of one quarterbit (12T = 923 ns), which is
required in case of timing alignment. This adjustment is
performed by setting either the FSCEXT flag for extension,
or the FSCRED flag for reduction. Both these flags reside
in QCCTRL_REG. The flags are automatically reset after
the adjustment.
The length of the frame synchronization pulse (FSC) is
chosen to 29
× 8.5T + 2 × 8T + 6T = 268.5T.
The whole IOM®-2 signal generation is disabled in Clock
mode 0 (see Table 23, default after reset).
In Sleep mode the REFON output stays active to keep the
13 MHz oscillator running as long as the IOM®-2 interface
is not disabled (Clock mode 0).
Other clock modes are derived from this mode by
subdividing the 1.536 MHz DCL clock by 2, 3, 4, 6, or 12.
The FSC period is not changed.
In external clock mode the IOM®-2 clock and frame
synchronization signal are provided via the DCL and FSC
pins. The DCL clock in this mode is a multiple of 128 kHz
or 256 kHz with a maximum frequency of 2.048 MHz or
4.096 MHz respectively.
In both internal and external clock modes, it is possible to
select between a double clock cycle mode per data bit or
a single clock cycle mode per data bit with the
IOMCON_REG[DATA_MODE] flag. In double clock cycle
mode the data output gets valid with the first rising edge of
DCL and the data input is sampled with the second
negative edge of DCL within a bit period. In single clock
cycle mode the data output gets valid with the rising edge
of DCL and the data input is sampled with the falling edge
of DCL within a bit period. Data is organized in 16-bit
timeslots. The maximum number of timeslots supported is
12 in internal and 16 in external clock mode.
Table 23 lists all possible clock modes.
Table 23 IOM®-2 Clock Modes
DCL
FREQUENCY
SINGLE(1)/DOUBLE(2)
CLOCK CYCLE MODE
NUMBER OF
16-BIT TIMESLOTS
DIVISION
RATIO
CLOCK_MODE
FLAGS (DEC.)
DATA_MODE
FLAG
IOM®-2 interface off
−−
0x
1.536 MHz
2
6
1
1
1
1.536 MHz
1
12
1
1
0
768 kHz
1
6
2
2
0
768 kHz
2
3
2
2
1
512 kHz
2
2
3
3
1
512 kHz
1
4
3
3
0
384 kHz
1
3
4
4
0
256 kHz
2
1
6
5
1
256 kHz
1
2
6
5
0
128 kHz
1
1
12
6
0
external clock
n
× 128 kHz
(2.084 MHz max.)
1n
(n
≤ 16)
70
external clock
n
× 256 kHz
(4.096 MHz max.)
2n
(n
≤ 16)
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com