Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF5083H/F2 Datasheet HTML 30Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 31Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 32Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 33Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 34Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 35Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 36Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 37Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 136 page
background image
1996 Oct 29
34
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 17 Select flags in register IMCOUT_REG
The inhibit flag (INH) in IMCOUT_REG controls whether
the IMC operation is inhibited during a receive or transmit
burst indicated with PDRX2 or NPDTX2 active. If the INH
flag is set the IMC operation is delayed until PDRX2 and
NPDTX2 become inactive. If the INH flag is reset the two
lines are don’t care.
8.4.4
OPERATION MODES AND CONTROL REGISTERS
The characteristics of each channel are controlled using
the contents of the registers RFCTRL0_REG to
RFCTRL3_REG.
The interface is programmable, one of three timing modes
can be selected for every data transfer. For the exact
timing see Chapter 16. In Mode 3 the transmission of the
data registers associated with the control register is
disabled.
If there is a conflict between the different data channels,
data transmission is scheduled according to Table 22.
Table 18 RC-IF Interface Bus Control Registers
SEL0 SEL1 SEL2 SEL3
ACTIVE ENABLE LINE
1
X
X
X
RFSEN1
X
1
X
X
RFSEN2
X
x
1
X
RFSEN3
X
X
X
1
RFSEN4
BIT
FLAG
OPERATION
7
M1
These two bits select the timing
mode, see Table 19.
6M0
5
SEL1
These two bits are used to assert
the enable lines RFEN1 to RFEN1,
see Table 21.
4
SEL0
3
A3
These four bits form the address
field.
2A2
1A1
0A0
Table 19 Selection of the RC-IF Interface timing modes
Note
1. The 16 or 21 data bits are transmitted MSB first
according to Table 20.
Table 20 RF-IC Interface data structure
Note
1. The 21 bits consist of D17 to D0 and A2 to A0.
Table 21 Selection of enable lines RFEN1 to RFEN4
Table 22 Order of priority
MODE
M1
M0
BITS
TRANSFERRED
RFE
ASSERTED
00
0
21
no
10
1
21
no
2
1
0
16
yes
3
1
1
Transmission of the corresponding
data registers is disabled.
MODE
BITS
TRANSFERRED
1ST BIT
LAST
BIT
0 and 1
21(1)
D17
A0
IMC channel
21
D20
D0
2
16
D15
D0
SEL1
SEL0
ENABLE LINE ASSERTED
0
0
RFEN1
0
1
RFEN2
1
0
RFEN3
1
1
RFEN4
PRIORITY
TRANSMISSION
Highest
frequency setting
gain control DACOFF_REG
gain control DACON_REG
gain control xxGAIN_REG then
DACx_REG
Lowest
Immediate Control Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com