Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/F2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF5083H/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/F2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF5083H/F2 Datasheet HTML 1Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 2Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 3Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 4Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 5Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 6Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 7Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 8Page - NXP Semiconductors PCF5083H/F2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
1996 Oct 29
2
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
APPLICATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING INFORMATION
6.1
Pinning
6.2
Pinning description
7
OVERVIEW OF THE GSM CHIP SET
7.1
General
7.2
The role of the PCF5083
8
FUNCTIONAL DESCRIPTION TIMER CORE
8.1
Clock generator
8.2
ON/OFF Logic
8.2.1
Mobile switch-on procedure
8.2.2
Mobile switch-off procedure
8.2.3
OFF/Watchdog Timer
8.3
Timing Generator
8.3.1
The Quarterbit Counter
8.3.2
Normal Mode
8.3.3
Sleep Mode
8.4
RF-IC Interface Bus
8.4.1
Frequency Setting Channel
8.4.2
Gain Control Channel
8.4.3
Immediate Control Channel
8.4.4
Operation Modes and Control Registers
8.5
IOM®-2 Interface
8.5.1
IOM®-2 Clock Generation
8.5.2
IOM®-2 Master Unit
8.5.3
Monitor Channel Transmitter Protocol
8.5.4
Monitor Channel Receiver Protocol
8.5.5
Command/Indication Channel Transmitter
8.5.6
Command/Indication Channel Receiver
8.5.7
Audio Interface
8.5.8
External IOM®-2 Interface
8.6
MMI Interface
8.6.1
RS232 Interface
8.6.2
MMI power-down Interface
8.7
General purpose parallel I/O-port
8.8
Real Time Clock
8.8.1
Setting the real time clock
9
DESCRIPTION OF THE DSP CORE
9.1
Interface description
9.1.1
Baseband Digitizer Interface
9.1.2
GMSK Modulator Interface
9.1.3
Audio and Data Interface
9.1.4
Audio interface
9.1.5
Terminal adaptor interface for data services
9.1.6
System controller interface
9.1.7
Event Counter Clock
9.1.8
Usage of General Purpose I/O Pins
9.1.9
Power saving modes
9.2
Message Interface to the System Controller
9.2.1
Execution of GSM baseband procedures
9.2.2
No Operation (NOP) command
9.2.3
Soft resetting the DSP
9.2.4
Error handling
9.3
GSM baseband procedures
9.3.1
Procedure description
9.3.2
Performance of GSM baseband procedures
9.4
Software applications
9.4.1
Receiving a CCH block
9.4.2
Transmitting a CCH block
9.4.3
FB search for timing synchronization
9.4.4
Processing a TCH/FS multiframe
10
MICROCONTROLLER INTERFACE
10.1
Register Set for the Timer Core
10.2
Interrupt Logic
11
RESET
12
JTAG TEST INTERFACE
13
TEST AND EMULATION MODES
14
LIMITING VALUES
15
DC CHARACTERISTICS
16
AC CHARACTERISTICS
17
APPLICATION INFORMATION
18
PACKAGE OUTLINE
19
SOLDERING
19.1
Introduction
19.2
Reflow soldering
19.3
Wave soldering
19.4
Repairing soldered joints
20
DEFINITIONS
21
LIFE SUPPORT APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com