Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 9Page - NXP Semiconductors PCF8548 Datasheet HTML 10Page - NXP Semiconductors PCF8548 Datasheet HTML 11Page - NXP Semiconductors PCF8548 Datasheet HTML 12Page - NXP Semiconductors PCF8548 Datasheet HTML 13Page - NXP Semiconductors PCF8548 Datasheet HTML 14Page - NXP Semiconductors PCF8548 Datasheet HTML 15Page - NXP Semiconductors PCF8548 Datasheet HTML 16Page - NXP Semiconductors PCF8548 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1999 Aug 16
13
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
11 I2C-BUS INTERFACE
11.1
Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication
between different ICs or modules. The two lines are a
Serial Data line (SDA) and a Serial Clock line (SCL). Both
lines must be connected to a positive supply via a pull-up
resistor. Data transfer may be initiated only when the bus
is not busy.
11.1.1
BIT TRANSFER
One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable during the
HIGH period of the clock pulse because changes in the
data line at this time will be interpreted as a control signal.
Bit transfer is illustrated in Fig.10.
11.1.2
START AND STOP CONDITIONS
Both data and clock lines remain HIGH when the bus is not
busy. A HIGH-to-LOW transition of the data line, while the
clock is HIGH is defined as the START condition (S).
A LOW-to-HIGH transition of the data line while the clock
is HIGH is defined as the STOP condition (P). The START
and STOP conditions are illustrated in Fig.11.
11.1.3
SYSTEM CONFIGURATION
The system configuration is illustrated in Fig.12.
• Transmitter: the device which sends the data to the bus
• Receiver: the device which receives the data from the
bus
• Master: the device which initiates a transfer, generates
clock signals and terminates a transfer
• Slave: the device addressed by a master
• Multi-Master: more than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: procedure to ensure that, if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronization: procedure to synchronize the clock
signals of two or more devices.
11.1.4
ACKNOWLEDGE
Each byte of eight bits is followed by an acknowledge bit.
The acknowledge bit is a HIGH signal put on the bus by the
transmitter during which time the master generates an
extra acknowledge related clock pulse. A slave receiver
which is addressed must generate an acknowledge after
the reception of each byte. A master receiver must also
generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter.
The device that acknowledges must pull-down the SDA
line during the acknowledge clock pulse, so that the SDA
line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times
must be taken into consideration). A master receiver must
signal an end-of-data to the transmitter by not generating
an acknowledge on the last byte that has been clocked out
of the slave. In this event the transmitter must leave the
data line HIGH to enable the master to generate a STOP
condition. Acknowledgement on the I2C-bus is illustrated
in Fig.13.
Fig.10 Bit transfer.
handbook, full pagewidth
MBC621
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com