Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 13Page - NXP Semiconductors PCF8548 Datasheet HTML 14Page - NXP Semiconductors PCF8548 Datasheet HTML 15Page - NXP Semiconductors PCF8548 Datasheet HTML 16Page - NXP Semiconductors PCF8548 Datasheet HTML 17Page - NXP Semiconductors PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
1999 Aug 16
17
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
Table 2
Explanations of symbols in Table 1
12.1
External reset (RES)
After power-on a reset pulse must be applied immediately to the chip, as it is in an undefined state. A reset of the chip
can be achieved using the external reset pad. After the reset the LCD driver is set to the following states:
• Power-down mode (PD = 1)
• All LCD outputs at VSS (display off)
• Horizontal addressing (V = 0)
• Normal instruction set (H = 0)
• Normal display (MX = MY = TRS = BRS = 0)
• Display blank (E = D = 0)
• Address counter X[6:0] = 0 and Y[3:0] = 0
• Temperature coefficient (TC[1:0] = 0)
• Bias system (BS[2:0] = 0)
• VLCD is equal to 0, the HV generator is switched off (Vop[6:0] = 0 and PRS = 0)
• After power-on (RAM data is undefined), the reset signal does not change the content of the RAM.
BIT
0
1
RESET STATE
PD
chip is active
chip is in Power-down mode
1
V
horizontal addressing
vertical addressing
0
H
use basic instruction set
use extended instruction set
0
MX
normal X addressing
X address is mirrored
0
MY
display is not vertically mirrored
display is vertically mirrored
0
TRS
top rows are not mirrored
top rows are mirrored
0
BRS
bottom rows are not mirrored
bottom rows are mirrored
0
DO
MSB is on top
LSB is on top
0
PRS
VLCD programming range LOW
VLCD programming range HIGH
0
D and E
00
display blank
D = 0
E=0
10
normal mode
01
all display segments on
11
inverse video mode
TC[1:0]
00
VLCD temperature coefficient 0
TC[1:0] = 00
01
VLCD temperature coefficient 1
10
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3
S[1:0]
00
2
× voltage multiplier
S[1:0] = 00
01
3
× voltage multiplier
10
4
× voltage multiplier
11
5
× voltage multiplier
BS[2:0]
bias system
BS[2:0] = 000
Vop[6:0]
VLCD programming
Vop[6:0] = 0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com