Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors PCF8548 Datasheet HTML 22Page - NXP Semiconductors PCF8548 Datasheet HTML 23Page - NXP Semiconductors PCF8548 Datasheet HTML 24Page - NXP Semiconductors PCF8548 Datasheet HTML 25Page - NXP Semiconductors PCF8548 Datasheet HTML 26Page - NXP Semiconductors PCF8548 Datasheet HTML 27Page - NXP Semiconductors PCF8548 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
1999 Aug 16
24
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
16 AC CHARACTERISTICS
VDD1 = 1.9 to 5.5 V; VDD2 and VDD3 = 2.4 to 4.5 V; VSS1 and VSS2 =0V; VLCD = 4.5 to 9 V; Tamb = −40 to +85 °C;
unless otherwise specified.
Notes
1.
2. RES may be LOW before VDD1 goes HIGH.
3. If tW(RES) is longer than 3 ns (typical) a reset may be generated.
4. All timing values are valid within the operating supply voltage and ambient temperature ranges and are referenced
to VIL and VIH with an input voltage swing of VSS to VDD.
5. The rise and fall times specified here refer to the driver device (i.e. not PCF8548) and are part of the general fast
I2C-bus specification. When PCF8548 asserts an acknowledge on SDA, the minimum fall time is 10 ns.
Cb = capacitive load per bus line.
6. The device inputs SDA and SCL are filtered and will reject spikes on the bus lines of width <tSW(max).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fOSC
oscillator frequency
VDD1 = 2.8 V;
Tamb = −20 to +70 °C
20
38
70
kHz
fclk(ext)
external clock frequency
20
38
100
kHz
fframe
frame frequency
fOSC or fclk(ext) = 38 kHz;
note 1
−
73
−
Hz
tVHRL
VDD1 to RES LOW
see Fig.17 and note 2
0
−
1
µs
tW(RES)
RES LOW pulse width
see Fig.17 and note 3
100
−−
ns
I2C-bus timing characteristics; see note 4
fSCLK
SCL clock frequency
0
−
400
kHz
tSCLL
SCL clock LOW period
1.3
−−µs
tSCLH
SCL clock HIGH period
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−
0.9
µs
tr
SCL and SDA rise time
note 5
20 + 0.1Cb
−
300
ns
tf
SCL and SDA fall time
note 5
20 + 0.1Cb
−
300
ns
tf(SDA)(ro)
SDA fall time for read out
VDD1 = <3.6 V
20 + 0.1Cb
−
1000
ns
Cb
capacitive load represented by each
bus line
−−
400
pF
tSU;STA
set-up time for a repeated START
condition
0.6
−−µs
tHD;STA
START condition hold time
0.6
−−µs
tSU;STO
set-up time for STOP condition
0.6
−−µs
tSW
tolerable spike width on bus
note 6
−−
50
ns
tBUF
bus free time between a STOP and
START condition
1.3
−−µs
f
frame
f
clk ext
()
520
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com