Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 15Page - NXP Semiconductors PCF8548 Datasheet HTML 16Page - NXP Semiconductors PCF8548 Datasheet HTML 17Page - NXP Semiconductors PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors PCF8548 Datasheet HTML 22Page - NXP Semiconductors PCF8548 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
1999 Aug 16
19
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
12.6
Set X address of RAM
The X address points to the columns. The range of X is
0 to 101 (65H).
12.7
Set HV generator stages
12.7.1
S[1:0]
The PCF8548 incorporates a software configurable
voltage multiplier. After reset the voltage multiplier is set to
2
× VDD2. Other voltage multiplier factors are set via the
command ‘set HV-gen stages’ (see Tables 1 and 2).
12.8
Temperature control
Due to the temperature dependency of the liquid crystals
viscosity, the LCD controlling voltage VLCD must be
increased with lower temperature to maintain optimum
contrast.
There are 4 different temperature coefficients available in
the PCF8548 (see Fig.15). The coefficients are selected
by the two bits TC[1:0]. Table 6 shows the typical values of
the different temperature coefficients. The coefficients are
proportional to the programmed VLCD.
12.9
Bias system
The Bias voltage levels are set in the ratio
of R
− R − nR − R − R giving a
bias system.
The resulting bias levels are shown in Table 5.
Different multiplex rates require different factors n (see
Table 4); this is programmed by BS[2 : 0]. For Mux1:65
the optimum bias value n is given by:
resulting in 1
⁄
9bias.
1
n4
+
-------------
nm
3
–
65
3
–
5.06
5
==
=
=
Fig.15 Temperature coefficients.
handbook, halfpage
MGS402
T
VLCD
Tcut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com