Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors PCF8548 Datasheet HTML 22Page - NXP Semiconductors PCF8548 Datasheet HTML 23Page - NXP Semiconductors PCF8548 Datasheet HTML 24Page - NXP Semiconductors PCF8548 Datasheet HTML 25Page - NXP Semiconductors PCF8548 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
1999 Aug 16
22
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
13 LIMITING VALUES
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134); parameters are valid
over operating temperature range unless otherwise specified; all voltages referenced to VSS = 0 V. Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of
the device at these or at any other conditions above those given in the characteristics sections of the specification is not
implied. Exposure to limiting values for extended periods may affect device reliability.
14 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices”).
15 DC CHARACTERISTICS
VDD1 = 1.9 to 5.5 V; VDD2 and VDD3 = 2.4 to 4.5 V; VSS1 and VSS2 =0V; VLCD = 4.5 to 9.0 V; Tamb = −40 to +85 °C;
unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD1
supply voltage
−0.5
+6.5
V
VDD2,VDD3
supply voltage for internal voltage generator
−0.5
+4.5
V
VLCD
supply voltage for the LCD
−0.5
+9.0
V
ISS
supply current
−50
+50
mA
Vi(n)
all input voltages
−0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
Ppack
power dissipation per package
−
300
mW
P/out
power dissipation per output
−
30
mW
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
supply voltage
1.9
−
5.5
V
Tamb = −25 to +85 °C
1.8
−
5.5
V
VDD2,VDD3
supply voltage for
internal voltage
generator
LCD voltage internally
generated (voltage generator
enabled)
2.4
−
4.5
V
VLCDIN
LCD input supply
voltage
LCD voltage externally
supplied (voltage generator
disabled)
4.5
−
9.0
V
VLCDOUT
LCD output supply
voltage
LCD voltage internally
generated (voltage generator
enabled); note 1
4.5
−
9.0
V
IDD1
supply current
VDD1 = 2.8 V; VLCD = 7.6 V;
fsclk = 0; Tamb =25 °C;
notes 2 and 3
−
20
−µA
IDD2,IDD3
supply current for
internal voltage
generator
with external VLCD
−
0.5
−µA
with internal VLCD generation;
VDD1 = 2.8 V; VLCD = 7.6 V;
fsclk = 0; Tamb =25 °C; no
display load; 4
× charge pump;
notes 2 and 3
−
180
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com