Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 26Page - NXP Semiconductors PCF8548 Datasheet HTML 27Page - NXP Semiconductors PCF8548 Datasheet HTML 28Page - NXP Semiconductors PCF8548 Datasheet HTML 29Page - NXP Semiconductors PCF8548 Datasheet HTML 30Page - NXP Semiconductors PCF8548 Datasheet HTML 31Page - NXP Semiconductors PCF8548 Datasheet HTML 32Page - NXP Semiconductors PCF8548 Datasheet HTML 33Page - NXP Semiconductors PCF8548 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
1999 Aug 16
30
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
Fig.21 External high voltage generation is used.
The number of I/Os depends on the application.
handbook, full pagewidth
MGS420
≥3
DISPLAY 102
× 65
VDD
I/O
VSS
VLCD
CVDD
PCF8548
102
32
33
The pinning of the PCF8548 is optimized for single plane wiring e.g. for chip-on-glass display modules, or for TCP.
Display size: 65
× 102 pixels. The required minimum value for the external capacitors in an application with the PCF8548
are: CVDD, CVDD1, CVDD2 and CVLCD = 1.0 µF (min.). Higher capacitor values are recommended for ripple reduction.
To reduce the sensitivity of the reset to ESD/EMC disturbances for a COG application, it is strongly recommended to
implement on the glass (ITO) a series input resistance in the reset line (The recommended minimum value is 8 k
Ω).
19 CHIP INFORMATION
The PCF8548 is manufactured in n-well CMOS technology. The substrate is at VSS potential.
20 PAD INFORMATION
PAD
VALUE
UNIT
Minimum bump pitch
70
µm
Pad size, alumin
62
× 100
µm
Bumps
50 (
±6) × 90 (±6) × 17.5 (±5)
µm
Wafer thickness without bumps
U/2 = 381; U/9 = 525
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com