Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 11Page - NXP Semiconductors PCF8548 Datasheet HTML 12Page - NXP Semiconductors PCF8548 Datasheet HTML 13Page - NXP Semiconductors PCF8548 Datasheet HTML 14Page - NXP Semiconductors PCF8548 Datasheet HTML 15Page - NXP Semiconductors PCF8548 Datasheet HTML 16Page - NXP Semiconductors PCF8548 Datasheet HTML 17Page - NXP Semiconductors PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
1999 Aug 16
15
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
11.2
I2C-bus protocol
The PCF8548 supports command, data write and status
read access.
Before any data is transmitted on the I2C-bus, the device
which should respond is addressed first. Two 7-bit slave
addresses (0111100 and 0111101) are reserved for the
PCF8548. The least significant bit of the slave address is
set by connecting the input SA0 to either logic 0 (VSS1)or
logic 1 (VDD1).
The I2C-bus protocol is illustrated in Fig.14.
The sequence is initiated with a START condition (S) from
the I2C-bus master which is followed by the slave address.
All slaves with the corresponding address acknowledge in
parallel, all the others will ignore the I2C-bus transfer. After
acknowledgement, one or more command words follow
which define the status of the addressed slaves.
A command word consists of a control byte, which defines
Co and D/C, plus a data byte (see Fig.14 and Table 1).
The last control byte is tagged with a cleared most
significant bit (i.e. the continuation bit Co). After a control
byte with a cleared Co bit, only data bytes will follow. The
state of the D/C bit defines whether the data byte is
interpreted as a command or as RAM data.
The control and data bytes are also acknowledged by all
addressed slaves on the bus.
After the last control byte, depending on the D/C bit setting,
either a series of display data bytes or command data
bytes may follow. If the D/C bit is set to logic 1, these
display bytes are stored in the display RAM at the address
specified by the data pointer. The data pointer is
automatically updated and the data is directed to the
intended PCF8548 device. If the D/C bit of the last control
byte is set to logic 0, these command bytes will be
decoded and the setting of the device will be changed
according to the received commands. The
acknowledgement after each byte is made only by the
addressed slave. At the end of the transmission the
I2C-bus master issues a STOP condition (P).
If the R/W bit is set to logic 1 the chip will output data
immediately after the slave address if the D/C bit, which
was sent during the last write access, is set to logic 0. If no
acknowledge is generated by the master after a byte, the
driver stops transferring data to the master.
Fig.14 I2C-bus protocol.
handbook, full pagewidth
MGS401
R/
W
S
A
0
S 011110
S
A
0
0A
acknowledgement
from PCF8548
acknowledgement
from PCF8548
acknowledgement
from PCF8548
acknowledgement
from PCF8548
acknowledgement
from PCF8548
1
control byte
A
data byte
data byte
n
≥ 0 bytes
1 byte
slave address
Write mode
command word
MSB . . . . . . . . . . . LSB
2n
≥ 0 bytes
A
Co
Co
0A
A P
DC
control byte
control byte
DC
S 011110
S
A
0
1A
acknowledgement
from PCF8548
acknowledgement
from master
PCF8548
slave address
status bytes
A
slave address
Read mode
Co
A
P
00000 0
DC
11
01
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com