Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 22Page - NXP Semiconductors PCF8548 Datasheet HTML 23Page - NXP Semiconductors PCF8548 Datasheet HTML 24Page - NXP Semiconductors PCF8548 Datasheet HTML 25Page - NXP Semiconductors PCF8548 Datasheet HTML 26Page - NXP Semiconductors PCF8548 Datasheet HTML 27Page - NXP Semiconductors PCF8548 Datasheet HTML 28Page - NXP Semiconductors PCF8548 Datasheet HTML 29Page - NXP Semiconductors PCF8548 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
1999 Aug 16
26
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
18 APPLICATION INFORMATION
Table 7
Programming example for PCF8548
STEP
BITS
DISPLAY
OPERATION
B7
B6
B5
B4
B3
B2
B1
B0
1I2C-bus start
2
0
1111000
slave address for write
3
0
0000000
control byte with cleared Co
bit and D/C set to logic 0
4
0
0100001
function set; PD = 0; V = 0;
select extended instruction
set (H = 1 mode)
5
0
0010010
set bias system 2; this is the
recommended bias system
for a multiplex rate1:65
6
1
1101010
set VOP; VOP is set to a
+106
× b [V]; it should be
noted that the required
voltage is dependent on the
liquid
7
0
0100000
function set; PD = 0; V = 0;
select normal instruction set
(H = 0 mode)
8
0
0001100
display control; set normal
mode (D = 1; E = 0)
9I2C-bus start
restart; to write into the
display RAM the D/C must
be set to logic 1; therefore a
control byte is needed
10
01111000
slave address for write
11
01000000
control byte with cleared Co
bit and D/C set to logic 1
12
11111000
data write; Y and X are
initialized to 0 by default, so
they are not set here
13
10100000
data write
MGS405
MGS406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com