Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8548 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 14Page - NXP Semiconductors PCF8548 Datasheet HTML 15Page - NXP Semiconductors PCF8548 Datasheet HTML 16Page - NXP Semiconductors PCF8548 Datasheet HTML 17Page - NXP Semiconductors PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors PCF8548 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1999 Aug 16
18
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
12.2
Function set
12.2.1
POWER-DOWN (PD)
• All LCD outputs at VSS (display off)
• Bias generator and VLCD generator off
• Oscillator off (external clock possible)
• VLCD can be disconnected
• RAM contents not cleared (RAM data can be written)
• VLCD output is discharged to VSS.
12.2.2
V
When V = 0, the horizontal addressing is selected.
The data is written to the RAM as shown in Fig.4. When
V = 1, the vertical addressing is selected. The data is
written to the RAM as shown in Fig.5.
12.2.3
H
When H = 0 the commands ‘display control’, ‘set HV-gen
stages’, ‘set Y address’ and ‘set X address’ can be
performed. When H = 1 the other commands can be
executed. The commands ‘write data’ and ‘function set’
can be executed in both cases.
12.2.4
MX
When MX = 0, the display RAM is written from left to right
(X = 0 is on the left side of the display, X = 100 is on the
right side of the display). When MX = 1 the display RAM is
written from right to left (X = 0 is on the right side of the
display, X = 100 is on the left side of the display).
Thus, if a horizontally mirroring of the display is desired the
RAM must first be rewritten.
12.2.5
MY
When MY = 1, the display is mirrored vertically.
A change of this bit has an immediate effect on the display.
12.3
Display control
12.3.1
D AND E
The bits D and E select the display mode (see Table 2).
12.4
Display configuration
12.4.1
TRS
Bit TRS enables the top row pad blocks to be mirrored.
This is used to enable flexibility in the wiring of the row
lines from the PCF8548 to the LCD cell (e.g. COG or TCP
wiring). When TRS = 0 rows 19 to 32 and rows 51 to 64
are organized as illustrated in Fig.22. When TRS = 1 rows
19 to 32 and rows 51 to 64 are mirrored and organized as
illustrated in Fig.23.
12.4.2
BRS
Bit BRS enables the bottom row pad blocks to be mirrored.
This is used to enable flexibility in the wiring of the row
lines from the PCF8548 to the LCD cell (e.g. COG or TCP
wiring). When BRS = 0 rows 0 to 18 and rows 33 to 50 are
organized as illustrated in Fig.22. When BRS = 1 rows
0 to 18 and rows 33 to 50 are mirrored and organized as
illustrated in Fig.23.
12.5
Set Y address of RAM
Y[3 : 0] defines the Y address vector address of the RAM.
Table 3
X and Y address ranges
Note
1. In bank 8 only the MSB is accessed.
Y3
Y2
Y1
Y0
CONTENT
ALLOWED X RANGE
0
0
0
0
bank 0 (display RAM)
0 to 101
0
0
0
1
bank 1 (display RAM)
0 to 101
0
0
1
0
bank 2 (display RAM)
0 to 101
0
0
1
1
bank 3 (display RAM)
0 to 101
0
1
0
0
bank 4 (display RAM)
0 to 101
0
1
0
1
bank 5 (display RAM)
0 to 101
0
1
1
0
bank 6 (display RAM)
0 to 101
0
1
1
1
bank 7 (display RAM)
0 to 101
1
0
0
0
bank 8 (display RAM); note 1
0 to 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com