Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Data Sheet
ADMV8502
REGISTER DETAILS
analog.com
Rev. 0 | 24 of 32
Address: 0x013, Reset: 0x00, Name: FAST_LATCH_DIRECTION
Table 21. Bit Descriptions for FAST_LATCH_DIRECTION
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
FAST_LATCH_DIRECTION
Fast Latch Direction. This bit determines which direction to sequence within the fast latch lookup table.
When the direction is set to increment, then the internal state machine will be set to the start index.
When the direction is set to decrement, then the internal state machine will be set to the stop index.
0x0
R/W
0: Increment.
1: Decrement.
Address: 0x014, Reset: 0x00, Name: FAST_LATCH_STATE
Table 22. Bit Descriptions for FAST_LATCH_STATE
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_STATE
Fast Latch State. Reads back the internal state machine index for fast latch lookup table (SFL mode). This
index is the next location the internal state machine will advance to, on the next CSB rising edge. The internal
state machine index will be set to the start index if the direction is set to increment and will be set to the stop
index if the direction set to is decrement. Upon changes to the start index, stop index, and direction, the index
will update accordingly.
0x0
R
Address: 0x020, Reset: 0x00, Name: WR_FC
Table 23. Bit Descriptions for WR_FC
Bits
Bit Name
Description
Reset
Access
[7:0]
FC_LOAD_WR
Write Group: Center Frequency.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com