Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADMV8502
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 32
MODE SELECTION
The ADMV8502 has two modes of operation: SPI write and SPI
fast latch. SPI write mode is the normal operating mode, whereas
SPI fast latch mode is used to sequence through the on-chip
lookup table (LUT) using the internal state machine. To select SPI
write mode, set the SFL pin low. For operation in SPI fast latch
mode, program the on-chip LUT and fast latch parameters with the
SFL pin low, and then bring the SFL pin high to enter this mode.
Figure 21 shows a simplified representation of the SPI with the
register map and internal state machine. Refer to the programming
flowchart in Figure 26 for the typical steps to operate in each mode.
Figure 21. Simplified SPI Diagram
SPI WRITE MODE
SPI write mode has a write grouping (WR) in Register 0x020
through Register 0x022. The grouping consists of the following:
►
fCENTER load value
►
Bandwidth load value
►
Match load value
See the Register Details section more information regarding the
write grouping.
SPI STREAMING
In general, there are two types of SPI streaming transactions, Endi-
an register ascending order and descending order. The ADMV8502
supports only the ascending order. To enable SPI streaming with
Endian register ascending order, program Register 0x000 to value
0x3C.
For SPI streaming to the write grouping, Register 0x020 to Register
0x022 (recommended), the transaction points to Register 0x020
and streams out 3 bytes of data. The transaction is 40 bits in total
(R/W bit + 15 bits address + 24 bits data).
For SPI streaming to the LUT, Register 0x100 to Register 0x15F
(recommended), the transaction points to Register 0x100 and
streams out 96 bytes of data. The transaction is 784 bits in total
(R/W bit + 15 bits address + 768 bits data).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com