Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADMV8502
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 32
and t functions, and then set the fCENTER, bandwidth, and match
load values, respectively.
FILTER CODE READ BACK
The capacitor codes that are applied to the filter can be read
back from the chip using Register 0x060 to Register 0x062. These
registers represent the actual state of the capacitors on chip.
This information can be useful for debugging purposes or during
interpolation coefficient calibration.
SPI FAST LATCH MODE
The ADMV8502 has a 32 state LUT and an internal state machine
that is useful for quickly changing filter states in SPI fast latch
mode. When the SFL pin is high, SPI fast latch mode enables, and
the internal state machine sequences on each rising edge of the CS
pin.
The LUT has 32 groupings, LUT0 through LUT31, in Register
0x100 through Register 0x15F. Each grouping consists of the same
type of parameters as those for SPI write mode.
The functionality of the internal state machine is such that on each
rising edge of the CS pin, the internal state machine sequences a
pointer based on the programmed direction.
The internal state machine has the following parameters:
►
FAST_LATCH_STOP (Register 0x011)
►
FAST_LATCH_START (Register 0x012)
►
FAST_LATCH_DIRECTION (Register 0x013)
►
FAST_LATCH_STATE (Register 0x014)
The FAST_LATCH_STATE is the next LUT grouping that is selected
on the next rising edge of the CS pin. The FAST_LATCH_ STATE is
considered the internal pointer location.
When the FAST_LATCH_DIRECTION bit is set to 0, the sequenc-
ing direction is incremental. When the FAST_LATCH_ DIRECTION
bit is set to 1, the sequencing direction is decremental.
The FAST_LATCH_START and FAST_LATCH_STOP bits are used
to set the start and stop location, respectively. For incremental di-
rection, the internal state machine sequences from the start location
to the stop location and then rolls over to the start location. For the
decremental direction, the sequence is from the stop location to the
start location and then rolls over to the stop location.
The FAST_LATCH_STATE internal pointer is set to the values
stored in FAST_LATCH_START for the incremental direction. For
the decremental direction, the internal pointer is set to the values
stored in FAST_LATCH_STOP. For this transaction to occur, one
rising edge of the CS pin is necessary. By nature, this occurs
during a SPI transaction in SPI write mode. However, when exiting
SPI fast latch mode (SFL pin brought low), be sure to toggle the
CS pin low then high or perform a SPI transaction so that the
FAST_LATCH_STATE refreshes to either the start or stop location
accordingly.
CHIP RESET
Two methods are available to reset the ADMV8502 registers to their
default power-on state, a hard reset and a soft reset. The hard reset
uses the RST pin, and the soft reset utilizes Register 0x000.
To perform a hard reset, momentarily bring the RST pin low and
then high. See Figure 2 for the minimum required duration time for
the RST pin to be low.
To perform a soft reset, set Register 0x000 to 0x81. This action sets
the SOFTRESET and SOFTRESET_ bits high to initiate the reset.
The SOFTRESET and SOFTRESET_ bits are self resetting once
the reset operation completes.
Regardless of the reset method used, it is recommended to perform
the following after the chip resets:
►
Set Register 0x000 to 0x3C to enable the SDO pin and allow SPI
streaming with Endian ascending order.
►
Read back all registers on the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com