Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADMV8502
REGISTER DETAILS
analog.com
Rev. 0 | 21 of 32
Address: 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG_A
Table 13. Bit Descriptions for ADI_SPI_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
SOFTRESET_
Soft Reset.
0x0
R/W
0: Reset Not Asserted.
1: Reset Asserted.
6
LSB_FIRST_
LSB First.
0x0
R/W
0: MSB First.
1: LSB First.
5
ENDIAN_
Endian.
0x0
R/W
0: Little Endian.
1: Big Endian.
4
SDOACTIVE_
SDO Active.
0x0
R/W
0: SDO Inactive.
1: SDO Active.
3
SDOACTIVE
SDO Active.
0x0
R/W
0: SDO Inactive.
1: SDO Active.
2
ENDIAN
Endian.
0x0
R/W
0: Little Endian.
1: Big Endian.
1
LSB_FIRST
LSB First.
0x0
R/W
0: MSB First.
1: LSB First.
0
SOFTRESET
Soft Reset.
0x0
R/W
0: Reset Not Asserted.
1: Reset Asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com