Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Data Sheet
ADMV8502
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 32
INTERPOLATION FUNCTIONS
The ADMV8502 has three interpolation functions that allow the
user to specify the fCENTER of the filter only using the fCENTER load
value, and then the appropriate capacitor codes are determined
automatically. To enable these functions, set the INTERPOLATE bit
(Register 0x050) high.Figure 22 shows a simplified diagram of the
interpolation functions.
When the interpolation functions are enabled, the fCENTER load
range is 0 to 255, where 0 corresponds to the lowest frequency and
255 corresponds to the highest frequency. For example, a value
of 0 corresponds to approximately 90 MHz and 255 corresponds
to approximately 225 MHz. The fCENTER load value is used to
determine the appropriate capacitor codes based on the on-chip
interpolation coefficients.
By default, the recommended interpolation coefficients are set for
nominal 9% bandwidth. The interpolation coefficients can be adjust-
ed between ± 2% of nominal bandwidth with reasonable insertion
loss. Narrower bandwidth down to approximately 5% can also be
achieved at the expense of insertion loss.
Figure 22. Interpolation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com