Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Data Sheet
ADMV8502
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 32
INTERPOLATION COEFFICIENTS
For reference, the ADMV8502 interpolation coefficients that were
used for device characterization are listed in Table 11. These inter-
polation coefficients are provided as a good starting point for use in
a system. Depending upon the system requirements and allowable
process tolerance, some minor adjustments may be needed to the
interpolation coefficients. For most applications, the device process
tolerance within a particular lot of material allows for one set of
interpolation coefficients, such that interpolation coefficient calibra-
tion only must be performed once per lot. Refer to the Interpolation
Coefficient Calibration section for more information on how to adjust
the interpolation coefficients.
Table 11. Interpolation Coefficients
Coefficient Bit Field
Narrow
Bandwidth
Nominal
Bandwidth
Wide Band-
width
Y0
INTERP_FC_Y0
217
219
223
Y1
INTERP_FC_Y1
178
180
183
Y2
INTERP_FC_Y2
149
150
152
Y3
INTERP_FC_Y3
106
106
107
Y4
INTERP_FC_Y4
78
78
79
Y5
INTERP_FC_Y5
59
59
59
Y6
INTERP_FC_Y6
45
45
45
Y7
INTERP_FC_Y7
35
34
34
Y8
INTERP_FC_Y8
27
27
27
Y9
INTERP_FC_Y9
21
21
21
V0
INTERP_BW_V0
3
0
0
V1
INTERP_BW_V1
7
4
1
V2
INTERP_BW_V2
48
29
11
T0
INTERP_MATCH_T0
1
0
0
T1
INTERP_MATCH_T1
12
17
20
T2
INTERP_MATCH_T2
92
106
120
PRINTED CIRCUIT BOARD (PCB) DESIGN
GUIDELINES
The PCB used to implement the ADMV8502 can use standard
quality dielectric materials between the top metallization layer and
internal ground layer, such as the Isola 370HR. Rogers 4003
or the Rogers 4350 do not have to be used. The characteristic
impedance of the transmission lines to the RF1 and RF2 pins
of the ADMV8502 must be controlled to 50 Ω to ensure optimal
RF performance. Connect the GND pins and exposed pads of the
ADMV8502 directly to the ground plane of the PCB. Use a sufficient
number of via holes to connect the top and bottom ground planes of
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com