Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADMV8502
REGISTER DETAILS
analog.com
Rev. 0 | 25 of 32
Address: 0x021, Reset: 0x00, Name: WR_BW
Table 24. Bit Descriptions for WR_BW
Bits
Bit Name
Description
Reset
Access
[7:0]
BW_LOAD_WR
Write Group: Bandwidth.
0x0
R/W
Address: 0x022, Reset: 0x00, Name: WR_MATCH
Table 25. Bit Descriptions for WR_MATCH
Bits
Bit Name
Description
Reset
Access
[7:0]
MATCH_LOAD_WR
Write Group: Match.
0x0
R/W
Address: 0x050, Reset: 0x00, Name: FILTER_CONFIG
Table 26. Bit Descriptions for FILTER_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
INTERPOLATE
Interpolation Enable. When this bit is set to zero, then must program center frequency, bandwidth, and match. When
this bit is set to one, then capacitors for center frequency, bandwidth and match will be determined from interpolation.
0x0
R/W
Address: 0x060, Reset: 0x00, Name: FC_READBACK
Table 27. Bit Descriptions for FC_READBACK
Bits
Bit Name
Description
Reset
Access
[7:0]
FC_READBACK
Center Frequency Read Back.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com