Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV8502ACCZ-R7
Description  90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8502ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV8502ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8502ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADMV8502
REGISTER SUMMARY
analog.com
Rev. 0 | 19 of 32
Table 12. Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x114
LUT6_MATCH
[7:0]
MATCH_LOAD_6
0x00
R/W
0x115
LUT7_FC
[7:0]
FC_LOAD_7
0x00
R/W
0x116
LUT7_BW
[7:0]
BW_LOAD_7
0x00
R/W
0x117
LUT7_MATCH
[7:0]
MATCH_LOAD_7
0x00
R/W
0x118
LUT8_FC
[7:0]
FC_LOAD_8
0x00
R/W
0x119
LUT8_BW
[7:0]
BW_LOAD_8
0x00
R/W
0x11A
LUT8_MATCH
[7:0]
MATCH_LOAD_8
0x00
R/W
0x11B
LUT9_FC
[7:0]
FC_LOAD_9
0x00
R/W
0x11C
LUT9_BW
[7:0]
BW_LOAD_9
0x00
R/W
0x11D
LUT9_MATCH
[7:0]
MATCH_LOAD_9
0x00
R/W
0x11E
LUT10_FC
[7:0]
FC_LOAD_10
0x00
R/W
0x11F
LUT10_BW
[7:0]
BW_LOAD_10
0x00
R/W
0x120
LUT10_MATCH
[7:0]
MATCH_LOAD_10
0x00
R/W
0x121
LUT11_FC
[7:0]
FC_LOAD_11
0x00
R/W
0x122
LUT11_BW
[7:0]
BW_LOAD_11
0x00
R/W
0x123
LUT11_MATCH
[7:0]
MATCH_LOAD_11
0x00
R/W
0x124
LUT12_FC
[7:0]
FC_LOAD_12
0x00
R/W
0x125
LUT12_BW
[7:0]
BW_LOAD_12
0x00
R/W
0x126
LUT12_MATCH
[7:0]
MATCH_LOAD_12
0x00
R/W
0x127
LUT13_FC
[7:0]
FC_LOAD_13
0x00
R/W
0x128
LUT13_BW
[7:0]
BW_LOAD_13
0x00
R/W
0x129
LUT13_MATCH
[7:0]
MATCH_LOAD_13
0x00
R/W
0x12A
LUT14_FC
[7:0]
FC_LOAD_14
0x00
R/W
0x12B
LUT14_BW
[7:0]
BW_LOAD_14
0x00
R/W
0x12C
LUT14_MATCH
[7:0]
MATCH_LOAD_14
0x00
R/W
0x12D
LUT15_FC
[7:0]
FC_LOAD_15
0x00
R/W
0x12E
LUT15_BW
[7:0]
BW_LOAD_15
0x00
R/W
0x12F
LUT15_MATCH
[7:0]
MATCH_LOAD_15
0x00
R/W
0x130
LUT16_FC
[7:0]
FC_LOAD_16
0x00
R/W
0x131
LUT16_BW
[7:0]
BW_LOAD_16
0x00
R/W
0x132
LUT16_MATCH
[7:0]
MATCH_LOAD_16
0x00
R/W
0x133
LUT17_FC
[7:0]
FC_LOAD_17
0x00
R/W
0x134
LUT17_BW
[7:0]
BW_LOAD_17
0x00
R/W
0x135
LUT17_MATCH
[7:0]
MATCH_LOAD_17
0x00
R/W
0x136
LUT18_FC
[7:0]
FC_LOAD_18
0x00
R/W
0x137
LUT18_BW
[7:0]
BW_LOAD_18
0x00
R/W
0x138
LUT18_MATCH
[7:0]
MATCH_LOAD_18
0x00
R/W
0x139
LUT19_FC
[7:0]
FC_LOAD_19
0x00
R/W
0x13A
LUT19_BW
[7:0]
BW_LOAD_19
0x00
R/W
0x13B
LUT19_MATCH
[7:0]
MATCH_LOAD_19
0x00
R/W
0x13C
LUT20_FC
[7:0]
FC_LOAD_20
0x00
R/W
0x13D
LUT20_BW
[7:0]
BW_LOAD_20
0x00
R/W
0x13E
LUT20_MATCH
[7:0]
MATCH_LOAD_20
0x00
R/W
0x13F
LUT21_FC
[7:0]
FC_LOAD_21
0x00
R/W
0x140
LUT21_BW
[7:0]
BW_LOAD_21
0x00
R/W
0x141
LUT21_MATCH
[7:0]
MATCH_LOAD_21
0x00
R/W
0x142
LUT22_FC
[7:0]
FC_LOAD_22
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com