Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6424 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 58Page - STMicroelectronics ADS6424 Datasheet HTML 59Page - STMicroelectronics ADS6424 Datasheet HTML 60Page - STMicroelectronics ADS6424 Datasheet HTML 61Page - STMicroelectronics ADS6424 Datasheet HTML 62Page - STMicroelectronics ADS6424 Datasheet HTML 63Page - STMicroelectronics ADS6424 Datasheet HTML 64Page - STMicroelectronics ADS6424 Datasheet HTML 65Page - STMicroelectronics ADS6424 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
www.ti.com
OUTPUT BIT ORDER
MSB/LSB FIRST
OUTPUT DATA FORMATS
LVDS CURRENT CONTROL
LVDS INTERNAL TERMINATION
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
In the 2-wire interface, three types of bit order are supported - byte-wise, bit-wise and word-wise.
Byte-wise: Each 14-bit sample is split across the 2 wires. Wires DA0, DB0, DC0 and DD0 carry the 7 LSB bits
D6 - D0 and wires DA1, DB1, DC1 and DD1 carry the 7 MSB bits.
Bit-wise: Each 14-bit sample is split across the 2 wires. Wires DA0, DB0, DC0 and DD0 carry the 7 even bits
(D0,D2,D4..) and wires DA1, DB1, DC1 and DD1 carry the 7 odd bits (D1,D3,D5...).
Word-wise: In this case, all 14-bits of a sample are sent over a single wire. Successive samples are sent over
the 2 wires. For example sample N is sent on wires DA0, DB0, DC0 and DD0, while sample N+1 is sent over
wires DA1, DB1, DC1 and DD1. The frame clock frequency is 0.5x sampling frequency, with the rising edge
aligned with the start of each word.
By default after reset, the 14-bit ADC data is output serially with the MSB first (D13, D12, D11,...D1,D0). The
data can be output LSB first also by programming the register bit <MSB_LSB_First>. In the 2-wire mode, the bit
order in each wire is flipped in the LSB first mode.
Two output data formats are supported – 2s complement (default after reset) and offset binary. They can be
selected using the serial interface register bit <DF>. In the event of an input voltage overdrive, the digital outputs
go to the appropriate full-scale level. For a positive overdrive, the output code is 0x3FFF in offset binary output
format, and 0x1FFF in 2s complement output format. For a negative input overdrive, the output code is 0x0000
in offset binary output format and 0x2000 in 2s complement output format.
The default LVDS buffer current is 3.5 mA. With an external 100-
Ω termination resistance, this develops
±350-mV logic levels at the receiver. The LVDS buffer currents can also be programmed to 2.5 mA, 3.0 mA and
4.5 mA using the register bits <LVDS CURR>. In addition, there exists a current double mode, where the LVDS
nominal current is doubled (register bits <CURR DOUBLE>, refer to Table 19).
An internal termination option is available (using the serial interface), by which the LVDS buffers are differentially
terminated inside the device. Five termination resistances are available – 166, 200, 250, 333, and 500
Ω
(nominal with
±20% variation). Any combination of these terminations can be programmed; the effective
termination will be the parallel combination of the selected resistances. The terminations can be programmed
separately for the clock and data buffers (bits <TERM CLK> and <TERM DATA>, refer to Table 20).
The internal termination helps to absorb any reflections from the receiver end, improving the signal integrity. This
makes it possible to drive up to 10 pF of load capacitance, compared to only 5 pF without the internal
termination. Figure 97 and Figure 98 show the eye diagram with 5 pF and 10 pF load capacitors (connected
from each output pin to ground).
With 100-
Ω internal and 100-Ω external termination, the voltage swing at the receiver end will be halved
(compared to no internal termination). The voltage swing can be restored by using the LVDS current double
mode (bits <CURR DOUBLE>, refer to Table 19).
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com